Electronic Components Datasheet Search
  English  ▼

X  

MAX4166ESA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4166ESA
Description  High-Output-Drive, Precision, Low-Power, Single- Supply, Rail-to-Rail I/O Op Amps with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4166ESA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4166ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
High-Output-Drive, Precision, Low-Power, Single-
Supply, Rail-to-Rail I/O Op Amps with Shutdown
8
_______________________________________________________________________________________
Pin Description
No Connection. Not internally connected.
1, 5
—
Negative Supply. Ground for single-
supply operation.
4
2
Outputs for Amplifiers 1 and 2
—
—
Inverting Inputs for Amplifiers 1 and 2
—
Noninverting Inputs for Amplifiers 1 and 2
—
—
Inverting Input
2
4
Noninverting Input
3
3
Active-Low Shutdown Inputs for
Amplifiers 1 and 2. Drive low for shut-
down mode. Drive high or connect to
VCC for normal operation.
—
—
Positive Supply
7
5
Outputs for Amplifiers 3 and 4
—
—
Noninverting Inputs for Amplifiers 3 and 4
—
—
PIN
Inverting Inputs for Amplifiers 3 and 4
—
—
Output
6
1
MAX4168
MAX4165
Active-Low Shutdown Input. Drive low
for shutdown mode. Drive high or con-
nect to VCC for normal operation.
8
—
—
4
1, 7
2, 6
3, 5
—
—
—
8
—
—
—
—
FUNCTION
—
5, 7, 8, 10
4
1, 13
2, 12
3, 11
—
—
6, 9
14
—
—
—
—
MAX4166
—
—
4
1, 9
2, 8
3, 7
—
—
5, 6
10
—
—
—
—
MAX4167
—
—
11
1, 7
2, 6
3, 5
—
—
—
4
8, 14
10, 12
9, 13
—
—
N.C.
VEE
OUT1,
OUT2
IN1-,
IN2-
IN1+,
IN2+
IN-
IN+
SHDN1,
SHDN2
VCC
OUT3,
OUT4
IN3+,
IN4+
IN3-,
IN4-
OUT
DIP/SO
SHDN
µMAX
MAX4169
NAME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com