Electronic Components Datasheet Search
  English  ▼

X  

MAX4187EEE Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX4187EEE
Description  Single/Dual/Quad, 270MHz, 1mA, SOT23, Current-Feedback Amplifiers with Shutdown
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4187EEE Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX4187EEE Datasheet HTML 13Page - Maxim Integrated Products MAX4187EEE Datasheet HTML 14Page - Maxim Integrated Products MAX4187EEE Datasheet HTML 15Page - Maxim Integrated Products MAX4187EEE Datasheet HTML 16Page - Maxim Integrated Products MAX4187EEE Datasheet HTML 17Page - Maxim Integrated Products MAX4187EEE Datasheet HTML 18Page - Maxim Integrated Products MAX4187EEE Datasheet HTML 19Page - Maxim Integrated Products MAX4187EEE Datasheet HTML 20Page - Maxim Integrated Products MAX4187EEE Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Single/Dual/Quad, 270MHz, 1mA, SOT23,
Current-Feedback Amplifiers with Shutdown
______________________________________________________________________________________
17
Table 1. Recommended Component Values
Choosing Feedback and Gain Resistors
The optimum value of the external-feedback (RF) and
gain-setting (RG) resistors used with the MAX4180–
MAX4187 depends on the closed-loop gain and the
application circuit’s load. Table 1 lists the optimum
resistor values for some specific gain configurations.
One-percent resistor values are preferred to maintain
consistency over a wide range of production lots.
Figures 4a and 4b show the standard inverting and
noninverting configurations. Note that the noninverting
circuit gain (Figure 4) is 1 plus the magnitude of the
inverting closed-loop gain. Otherwise, the two circuits
are identical.
DC and Noise Errors
Several major error sources must be considered in any
op amp. These apply equally to the MAX4180–
MAX4187. Offset-error terms are given by the equation
below. Voltage and current-noise errors are root-square
summed and are therefore computed separately. In
Figure 5, the total output offset voltage is determined by
the following factors:
• The input offset voltage (VOS) times the closed-loop
gain (1 = RF / RG).
• The positive input bias current (IB+) times the source
resistor (RS) (usually 50Ω or 75Ω), plus the negative
input bias current (IB-) times the parallel combination
of RG and RF. In current-feedback amplifiers, the
input bias currents at the IN+ and IN- terminals do
not track each other and may have opposite polarity,
so there is no benefit to matching the resistance at
both inputs.
The equation for the total DC error at the output is:
The total output-referred noise voltage is:
e
R
R
iR
iR
R
e
n OUT
F
G
nS
n
F
G
n
()
||
=+

 ()
[] + ()
[] +()
+−
1
22
2
VOUT
||
=
() + ()
() +
[] +


+−
IR
I
R
R
V
R
R
BS
B
F
G
OS
F
G
1
245
1.2k
1.2k
RL = 1kΩ
190
680
680
RL =
100
Ω
-3dB BW (MHz)
190
820
820
RL = 150Ω
RG (Ω)
RF (Ω)
COMPONENT/BW
105
180
750
RL =
1k
Ω/150Ω
AV = +10V/V
205
—
1k
RL =
150
Ω
120
270
—
2.4k
RL = 1kΩ
220
910
RL =
1k
Ω/150Ω
AV = +5V/V
200
—
560
RL =
100
Ω
AV = +2V/V
AV = +1V/V
MAX4180
MAX4181
AV = +2V/V
245
1k
1k
RL =
1k
Ω
160
MAX4182/MAX4183
620
620
RL =
100
Ω
-3dB BW
(MHz)
190
680
680
RL =
150
Ω
RG (Ω)
RF (Ω)
COMPONENT/
BW
AV = +2V/V
245
1.1k
1.1k
RL =
1k
Ω
175
MAX4186
680
680
RL =
100
Ω
190
750
750
RL =
150
Ω
AV = +1V/V
270
—
1.6k
RL =
1k
Ω
200
MAX4187
—
680
RL =
100
Ω
205
—
910
RL =
150
Ω
AV = +1V/V
270
—
1.5k
RL =
1k
Ω
180
MAX4184/MAX4185
—
620
RL =
100
Ω
205
—
750
RL =
150
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com