Electronic Components Datasheet Search
  English  ▼

X  

MAX4200ESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4200ESA
Description  Ultra-High-Speed, Low-Noise, Low-Power, SOT23 Open-Loop Buffers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4200ESA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4200ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Ultra-High-Speed, Low-Noise, Low-Power,
SOT23 Open-Loop Buffers
6
_______________________________________________________________________________________
_________________________________Typical Operating Characteristics (continued)
(VCC = +5V, VEE = -5V, RL = 100
Ω for MAX4200/MAX4201/MAX4203/MAX4204, RL = 150Ω for MAX4202/MAX4205, unless
otherwise noted.)
0
4
2
8
6
12
10
14
-5
-3
-2
-4
-1
012345
GAIN ERROR vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
RL = 100Ω
RL = 150Ω
1
3
2
6
5
4
9
8
7
10
0
150 200
50
100
250 300 350 400
OUTPUT VOLTAGE SWING vs.
EXTERNAL LOAD RESISTANCE
EXTERNAL LOAD RESISTANCE (
Ω)
MAX4200/4203
MAX4201/4204
MAX4202/4205
IN
VOLTAGE
50mV/div
OUT
GND
GND
TIME (5ns/div)
SMALL-SIGNAL PULSE RESPONSE
MAX4200-21
IN
VOLTAGE
50mV/div
OUT
GND
GND
TIME (5ns/div)
MAX4200/MAX4203
SMALL-SIGNAL PULSE RESPONSE
MAX4200-22
CLOAD = 15pF
IN
VOLTAGE
50mV/div
OUT
GND
GND
TIME (5ns/div)
MAX4201/MAX4202/MAX4204/MAX4205
SMALL-SIGNAL PULSE RESPONSE
MAX4200-23
CLOAD = 22pF
IN
VOLTAGE
1V/div
OUT
GND
GND
TIME (5ns/div)
LARGE-SIGNAL PULSE RESPONSE
MAX4200-24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com