Electronic Components Datasheet Search
  English  ▼

X  

MAX4202ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4202ESA
Description  Ultra-High-Speed, Low-Noise, Low-Power, SOT23 Open-Loop Buffers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4202ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4202ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4202ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4202ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4202ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4202ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4202ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4202ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4202ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4202ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
________________General Description
The MAX4200–MAX4205 are ultra-high-speed, open-
loop buffers featuring high slew rate, high output cur-
rent, low noise, and excellent capacitive-load-driving
capability. The MAX4200/MAX4201/MAX4202 are sin-
gle buffers, while the MAX4203/MAX4204/MAX4205 are
dual buffers. The MAX4201/MAX4204 have integrated
50
Ω termination resistors, making them ideal for driv-
ing 50
Ω transmission lines. The MAX4202/MAX4205
include 75
Ω back-termination resistors for driv-
ing 75
Ω transmission lines. The MAX4200/MAX4203
have no internal termination resistors.
The MAX4200–MAX4205 use a proprietary architecture
to achieve up to 780MHz -3dB bandwidth, 280MHz
0.1dB gain flatness, 4200V/µs slew rate, and ±90mA
output current drive capability. They operate from ±5V
supplies and draw only 2.2mA of quiescent current.
These features, along with low-noise performance, make
these buffers suitable for driving high-speed analog-to-
digital converter (ADC) inputs or for data-communica-
tions applications.
________________________Applications
High-Speed DAC Buffers
Wireless LANs
Digital-Transmission Line Drivers
High-Speed ADC Input Buffers
IF/Communications Systems
____________________________Features
o 2.2mA Supply Current
o High Speed
780MHz -3dB Bandwidth (MAX4201/MAX4202)
280MHz 0.1dB Gain Flatness (MAX4201/MAX4202)
4200V/µs Slew Rate
o Low 2.1nV/
√Hz Voltage-Noise Density
o Low 0.8pA/
√Hz Current-Noise Density
o High ±90mA Output Drive (MAX4200/MAX4203)
o Excellent Capacitive-Load-Driving Capability
o Available in Space-Saving SOT23 or µMAX
Packages
Ultra-High-Speed, Low-Noise, Low-Power,
SOT23 Open-Loop Buffers
________________________________________________________________
Maxim Integrated Products
1
19-1338; Rev 2; 4/99
_______________Ordering Information
___________Typical Application Circuit
MAX4201
REXT*
50
Ω
*RL = RT + REXT
RT*
50
Ω
50
Ω CABLE
OUT
IN
COAXIAL CABLE DRIVER
PART
NO. OF
BUFFERS
INTERNAL
OUTPUT
TERMINATION
(
Ω)
PIN-PACKAGE
MAX4204
2
50
8 SO/µMAX
MAX4200
1
—
8 SO, 5 SOT23
MAX4201
1
50
8 SO, 5 SOT23
MAX4205
2
75
8 SO/µMAX
MAX4202
1
75
8 SO, 5 SOT23
MAX4203
2
—
8 SO/µMAX
PART
TOP
MARK
MAX4200ESA
—
TEMP. RANGE
PIN-
PACKAGE
-40°C to +85°C
8 SO
MAX4200EUK-T
AABZ
-40°C to +85°C
5 SOT23-5
MAX4201ESA
—
-40°C to +85°C
8 SO
MAX4201EUK-T
ABAA
-40°C to +85°C
5 SOT23-5
MAX4202ESA
—
-40°C to +85°C
8 SO
MAX4205EUA
—
-40°C to +85°C
8 µMAX
MAX4202EUK-T
ABAB
MAX4203ESA
—
-40°C to +85°C
5 SOT23-5
-40°C to +85°C
8 SO
MAX4203EUA
—
-40°C to +85°C
8 µMAX
MAX4204ESA
—
-40°C to +85°C
8 SO
MAX4204EUA
—
-40°C to +85°C
8 µMAX
MAX4205ESA
—
-40°C to +85°C
8 SO
___________________________Selector Guide
Pin Configurations appear at end of data sheet.


Similar Part No. - MAX4202ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4202ESA MAXIM-MAX4202ESA Datasheet
2Mb / 13P
Ultra-High-Speed, Low-Noise, Low-Power, SOT23 Open-Loop Buffers
2017
More results

Similar Description - MAX4202ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4238 MAXIM-MAX4238 Datasheet
363Kb / 10P
Ultra-Low Offset/Drift, Low-Noise, Precision SOT23 Amplifiers
Rev 1; 12/02
logo
STMicroelectronics
TSH300 STMICROELECTRONICS-TSH300 Datasheet
398Kb / 18P
Ultra Low-Noise High-Speed Operational Amplifier
Rev. 2
logo
National Semiconductor ...
LMH6629 NSC-LMH6629 Datasheet
905Kb / 22P
Ultra-Low Noise, High Speed Operational Amplifier
logo
Maxim Integrated Produc...
MAX4238 MAXIM-MAX4238_11 Datasheet
292Kb / 9P
Ultra-Low Offset/Drift, Low-Noise,Precision SOT23 Amplifiers
Rev 3; 8/11
logo
Unisonic Technologies
L1127 UTC-L1127 Datasheet
178Kb / 5P
ULTRA-LOW-NOISE, HIGH-SPEED, LOW-DROPOUT, 300mA LINEAR REGULATOR
L1127 UTC-L1127_18 Datasheet
192Kb / 7P
ULTRA-LOW-NOISE HIGH-SPEED, LOW-DROPOUT 300mA LINEAR REGULATOR
logo
Maxim Integrated Produc...
MAX4200 MAXIM-MAX4200_V01 Datasheet
2Mb / 13P
Ultra-High-Speed, Low-Noise, Low-Power, SOT23 Open-Loop Buffers
2017
MAX4238 MAXIM-MAX4238_V01 Datasheet
1Mb / 11P
Ultra-Low Offset/Drift, Low-Noise, Precision SOT23 Amplifiers
2020
logo
Renesas Technology Corp
UPC4572MF-DAA RENESAS-UPC4572MF-DAA Datasheet
327Kb / 12P
Low Supply Voltage, Ultra Low-Noise, High Speed, Wide Band,
Jul 25, 2012
logo
Unisonic Technologies
L1127 UTC-L1127_V01 Datasheet
249Kb / 7P
ULTRA-LOW-NOISE,HIGH-SPEED, LOW-DROPOUT,300mA LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com