Electronic Components Datasheet Search
  English  ▼

X  

MAX4223ESA Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX4223ESA
Description  1GHz, Low-Power, SOT23, Current-Feedback Amplifiers with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4223ESA Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX4223ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4223ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4223ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4223ESA Datasheet HTML 12Page - Maxim Integrated Products MAX4223ESA Datasheet HTML 13Page - Maxim Integrated Products MAX4223ESA Datasheet HTML 14Page - Maxim Integrated Products MAX4223ESA Datasheet HTML 15Page - Maxim Integrated Products MAX4223ESA Datasheet HTML 16Page - Maxim Integrated Products MAX4223ESA Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
1GHz, Low-Power, SOT23,
Current-Feedback Amplifiers with Shutdown
______________________________________________________________________________________
13
very low output impedance at high frequencies to main-
tain measurement accuracy. The combination of high
speed, fast slew rate, low noise, and low distortion
makes the MAX4223–MAX4228 ideally suited for use as
buffer amplifiers in high-speed ADC applications.
Video Line Driver
The MAX4223–MAX4228 are optimized to drive coaxial
transmission lines when the cable is terminated at both
ends, as shown in Figure 3. Note that cable frequency
response may cause variations in the signal’s flatness.
Driving Capacitive Loads
A correctly terminated transmission line is purely resis-
tive and presents no capacitive load to the amplifier.
Although the MAX4223–MAX4228 are optimized for AC
performance and are not designed to drive highly
capacitive loads, they are capable of driving up to
25pF without excessive ringing. Reactive loads
decrease phase margin and may produce excessive
ringing and oscillation (see
Typical Operating
Characteristics). Figure 4’s circuit reduces the effect of
large capacitive loads. The small (usually 5
Ω to 20Ω)
isolation resistor RISO, placed before the reactive load,
prevents ringing and oscillation at the expense of a
small gain error. At higher capacitive loads, AC perfor-
mance is limited by the interaction of load capacitance
with the isolation resistor.
Maxim’s High-Speed
Evaluation Board Layout
Figures 7 and 8 show a suggested layout for Maxim’s
high-speed, single-amplifier evaluation boards. These
boards were developed using the techniques described
above. The smallest available surface-mount resistors
were used for the feedback and back-termination resis-
tors to minimize the distance from the IC to these resis-
tors, thus reducing the capacitance associated with
longer lead lengths.
SMA connectors were used for best high-frequency
performance. Because distances are extremely short,
performance is unaffected by the fact that inputs and
outputs do not match a 50
Ω line. However, in applica-
tions that require lead lengths greater than 1/4 of the
wavelength of the highest frequency of interest, con-
stant-impedance traces should be used.
Fully assembled evaluation boards are available for the
MAX4223 in an SO-8 package.
MAX4223
MAX4224
MAX4225
MAX4226
MAX4227
MAX4228
RG
IN-
IN+
OUT
RT
75
Ω
RT
75
Ω
RT
75
Ω
75
Ω CABLE
75
Ω CABLE
RF
Figure 3. Video Line Driver
MAX4223
MAX4224
MAX4225
MAX4226
MAX4227
MAX4228
RG
IN-
IN+
RISO
OUT
RF
CL
RL
Figure 4. Using an Isolation Resistor (RISO) for High
Capacitive Loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com