Electronic Components Datasheet Search
  English  ▼

X  

AD6C641 Datasheet(PDF) 1 Page - Solid State Optronic

Part # AD6C641
Description  Low on-resistance (0.35 ohm TYP)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD6C641 Datasheet(HTML) 1 Page - Solid State Optronic

  AD6C641 Datasheet HTML 1Page - Solid State Optronic AD6C641 Datasheet HTML 2Page - Solid State Optronic AD6C641 Datasheet HTML 3Page - Solid State Optronic AD6C641 Datasheet HTML 4Page - Solid State Optronic AD6C641 Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AD6C641
1 Form A
Solid State Relay
The AD6C641 is a bi-directional, single-pole, single-throw, normally open multipurpose relay. The relay consists of a GaAlAs LED
optically coupled to a Photo Diode Array that drives two extremely low on-resistance, rugged drain-to-drain enhancement type DMOS
transistors. Total device output resistance is guaranteed to be less than 0.5 ohms, making this device the ideal choice where minimal
signal attenuation is required.
DESCRIPTION
FEATURES
APPLICATIONS
OPTIONS/SUFFIXES*
SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS*
APPROVALS
Low on-resistance (0.35 ohm TYP)
•
High Load Current Rating (1.5A MAX continuous load current)
•
Low input power consumption
•
High Input-to-Output isolation
•
Long life-high reliability
•
Multiplexers
•
Meter reading systems
•
Data Acquisition
•
Medical Equipment
•
Battery Monitoring
•
Home Safety / Security Systems
•
Surface Mount Leadform Option (50 pcs / tub
e)
• -S
Tape & Reel Option (1000 pcs / reel)
• -TR
NOTE: Suffixes listed above are not included in marking on
device for part number identification.
PARAMETER
UNIT
MIN
TYP
MAX
Storage Temperature
°C
-55
125
Operating Temperature
°C
-40
85
Continuous Input Current
mA
50
Transient Input Current
mA
400
Reverse Input Control
Voltage
V
6
Output Power Dissipation
mW
800
Solder Temperature -
Wave (10s)
ºC
260
Solder Temperature - IR
Reflow (10s)
ºC
260
*The values indicated are absolute stress ratings. Functional operation of the
device is not implied at these or any conditions in excess of those defined in
electrical characteristics section of this document. Exposure to Absolute
Ratings may cause permanent damage to the device and may adversely
affect reliability.
UL/C-UL Approved: File # E201932
•
www.ssousa.com • +1.408.293.4600
Page 1 of 5
AD6C641
rev 1.43 (
2/19/2008)
©
2008 Solid State Optronics • San José, CA


Similar Part No. - AD6C641

ManufacturerPart #DatasheetDescription
logo
Solid State Inc
AD6C641 SOLIDSTATE-AD6C641 Datasheet
225Kb / 5P
Low on-resistance (0.35 ohm TYP)
rev 1.43
More results

Similar Description - AD6C641

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG602BRTZ-REEL AD-ADG602BRTZ-REEL Datasheet
327Kb / 12P
Low on resistance, 2.5 OHM maximum
REV. C
ADG1409YRUZ AD-ADG1409YRUZ Datasheet
459Kb / 20P
4.7 OHM maximum on resistance
REV. B
ADG1636BRUZ AD-ADG1636BRUZ Datasheet
526Kb / 16P
1 OHM Typical On Resistance
REV. A
logo
Advanced Power Electron...
AP83T03AGH-HF A-POWER-AP83T03AGH-HF_14 Datasheet
57Kb / 4P
Low On-resistance
AP0603GH-HF A-POWER-AP0603GH-HF_14 Datasheet
99Kb / 4P
Low On-resistance
logo
Solid State Optronic
AD2C541 SSOUSA-AD2C541_15 Datasheet
243Kb / 5P
Low On-Resistance (1 ohm MAX)
AD4C741 SSOUSA-AD4C741 Datasheet
299Kb / 8P
Low On Resistance (170m TYP)
AD6C741 SSOUSA-AD6C741 Datasheet
243Kb / 5P
Low on-resistance (0.17 ohms TYP)
M251 SSOUSA-M251 Datasheet
175Kb / 5P
Low on-resistance (1 ohm MAX)
M291 SSOUSA-M291 Datasheet
281Kb / 7P
Low On Resistance (70m??TYP)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com