Electronic Components Datasheet Search
  English  ▼

X  

MAX4182ESA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4182ESA
Description  Single/Dual/Quad, 270MHz, 1mA, SOT23, Current-Feedback Amplifiers with Shutdown
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4182ESA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4182ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4182ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4182ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4182ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4182ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4182ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4182ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4182ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4182ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Single/Dual/Quad, 270MHz, 1mA, SOT23,
Current-Feedback Amplifiers with Shutdown
________________________________________________________________________________________
5
AC ELECTRICAL CHARACTERISTICS—Dual Supplies (MAX4181/4184/4185/4187)
(VCC = +5V, VEE = -5V, VIN+ = 0V, SHDN ≥ 3V, AV = 1V/V; see Table 1 for RF values; TA = +25°C, unless otherwise noted.)
Differential Phase Error
DP
0.01
degrees
0.48
RL = 150Ω
NTSC
RL = 1kΩ
Third Harmonic Distortion
-57
dB
-66
RL = 150Ω
fC = 5MHz, VOUT = 2Vp-p
RL = 1kΩ
Second Harmonic Distortion
-70
dB
-73
RL = 150Ω
fC = 5MHz, VOUT = 2Vp-p
RL = 1kΩ
66
RL = 150Ω
RL = 1kΩ
205
55
RL = 150Ω
RL = 150Ω
<0.5dB peaking
RL = 1kΩ
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Settling Time to 0.1%
tS
21
ns
Slew Rate (Note 5)
SR
250
320
V/µs
Bandwidth for 0.1dB Flatness
(Note 5)
BW0.1dB
20
60
MHz
Rise/Fall Time
tR and tF
5
ns
Spurious-Free Dynamic Range
SFDR
57
dB
Small-Signal -3dB Bandwidth
(Note 5)
BWSS
195
270
MHz
Large-Signal -3dB Bandwidth
BWLS
90
MHz
CONDITIONS
VOUT = 2V step, RL = 1kΩ
RL = 1kΩ
VOUT = 2V step, RL = 1kΩ
fC = 5MHz, VOUT = 2Vp-p
VOUT = 2Vp-p, RL = 1kΩ
Rising edge
VOUT = 2V step, RL = 1kΩ
Falling edge
200
265
AC ELECTRICAL CHARACTERISTICS—Dual Supplies (MAX4180/4182/4183/4186) (cont.)
(VCC = +5V, VEE = -5V, VIN = 0V, SHDN ≥ 3V, AV = +2V/V; see Table 1 for RF and RG values; TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Input Capacitance
(Positive Input)
CIN+
1.5
pF
Output Impedance
ZOUT
4.8
Ω
Disabled Output Capacitance
COUT(OFF)
4
pF
Turn-On Time from SHDN
tON
40
ns
Turn-Off Time to SHDN
tOFF
400
ns
Power-Up Time
200
µs
Crosstalk
-60
dB
Gain Matching to 0.1dB
25
MHz
CONDITIONS
f = 10kHz
Input Noise Voltage Density
en
f = 10kHz
SHDN
≤ VIL, VOUT ≤ ±3V (Notes 2, 4)
(Note 4)
(Note 4)
nV/
√Hz
f = 10MHz, MAX4182/4183/4186
2
f = 10MHz, MAX4182/4183/4186
Off Isolation
-60
dB
SHDN
≤ 2V, RL = 150Ω, f = 10MHz
NTSC
Differential Phase Error
DP
0.03
degrees
0.30
RL = 150Ω
RL = 1kΩ
NTSC
Differential Gain Error
DG
0.08
%
0.01
RL = 150Ω
RL = 1kΩ
f = 10kHz
Input Noise Current Density
in
4
pA/
√Hz
5
IN-
IN+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com