Electronic Components Datasheet Search
  English  ▼

X  

IRFE9210 Datasheet(PDF) 2 Page - International Rectifier

Part # IRFE9210
Description  Simple Drive Requirements
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFE9210 Datasheet(HTML) 2 Page - International Rectifier

  IRFE9210 Datasheet HTML 1Page - International Rectifier IRFE9210 Datasheet HTML 2Page - International Rectifier IRFE9210 Datasheet HTML 3Page - International Rectifier IRFE9210 Datasheet HTML 4Page - International Rectifier IRFE9210 Datasheet HTML 5Page - International Rectifier IRFE9210 Datasheet HTML 6Page - International Rectifier IRFE9210 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IRFE9210
2
www.irf.com
Thermal Resistance
Parameter
Min Typ Max
Units
Test Conditions
RthJC
Junction to Case
—
—
1 1
RthJ-PCB
Junction to PC Board
—
—
27"""
Soldered to a copper clad PC board
°C/W
Source-Drain Diode Ratings and Characteristics
Parameter
Min Typ
Max Units
Test Conditions
IS
Continuous Source Current (Body Diode)
—
—
-1.3
ISM
Pulse Source Current (Body Diode) ➀
—
—
-5.2
VSD
Diode Forward Voltage
—
—
-5.8
V
Tj = 25°C, IS = -1.3A, VGS = 0V ➃
trr
Reverse Recovery Time
—
—
3 0 0
nS
Tj = 25°C, IF = -1.3A, di/dt ≤-100A/µs
QRR
Reverse Recovery Charge
—
—
3.0
µc
VDD ≤ -50V ➃
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A
For footnotes refer to the last page
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min
Typ
Max Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
-200
—
—
V
VGS = 0V, ID = -1.0mA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown
—
-0.22
—
V/°C
Reference to 25°C, ID = -1.0mA
Voltage
RDS(on)
Static Drain-to-Source On-State
—
—
3.0
VGS = -10V, ID = -0.84A➃
Resistance
—
—
3.45
VGS = -10V, ID = -1.3A ➃
VGS(th)
Gate Threshold Voltage
-2.0
—
- 4.0
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
0.7
—
—
S ( )
VDS > -15V, IDS = -0.84A➃
IDSS
Zero Gate Voltage Drain Current
—
—
-25
VDS= -160V, VGS= 0V
—
—
-250
VDS =-160V
VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Leakage Forward
—
—
-100
VGS =-20V
IGSS
Gate-to-Source Leakage Reverse
—
—
1 0 0
VGS =20V
Qg
Total Gate Charge
—
—
8.9
VGS =-10V, ID= -1.3A
Qgs
Gate-to-Source Charge
—
—
2.1
nC
VDS =-100V
Qgd
Gate-to-Drain (‘Miller’) Charge
—
—
3.9
td(on)
Turn-On Delay Time
—
—
1 5
VDD =-100V, ID = -1.3A,
t r
Rise Time
—
—
2 5
RG =7.5Ω
td(off)
Turn-Off Delay Time
—
—
4 0
tf
Fall Time
—
—
1 5
LS + LD
Total Inductance
—
6.1
—
Ciss
Input Capacitance
—
1 7 0
VGS = 0V, VDS = -25V
Coss
Output Capacitance
—
5 4
—
pF
f = 1.0MHz
Crss
Reverse Transfer Capacitance
—
1 7
—
nA
nH
ns
µA
Ω
Measured from the center of
drain pad to center of source
pad



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com