Electronic Components Datasheet Search
  English  ▼

X  

MAX4273EEE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4273EEE
Description  3V to 12V Current-Limiting Hot Swap Controllers with Autoretry, DualSpeed/BiLevel Fault Protection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4273EEE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4273EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4273EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4273EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4273EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4273EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4273EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4273EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4273EEE Datasheet HTML 10Page - Maxim Integrated Products MAX4273EEE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
3V to 12V Current-Limiting Hot Swap Controllers
with Autoretry, DualSpeed/BiLevel Fault Protection
_______________________________________________________________________________________
7
Typical Operating Characteristics (continued)
(VIN = 5V, RSENSE = 100m
Ω, CBOARD = 47µF, TA = +25°C, unless otherwise noted.)
1.0
1.4
1.2
1.8
1.6
2.2
2.0
2.4
-40
10
-15
356085
FAST GATE DISCHARGE CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
VGATE = VIN
VIN = 3V
VIN = 5V, 12V
CBOARD = 470
µF, RSENSE = 100mΩ,
CGATE = 0
ILOAD
(1A/div)
VOUT
(2V/div)
VGATE
(2V/div)
0
50
µs/div
MAX4271/MAX4272
TURN-OFF TIME (CBOARD = 470
µF)
MAX4271/3-19
ON
0
CBOARD = 470
µF, RSENSE = 100mΩ,
CGATE = 22nF, RS = 0
ILOAD
1A/div
VOUT
2V/div
VGATE
2V/div
0
0
200
µs/div
MAX4271/MAX4272
TURN-OFF TIME
(EXTERNAL CGATE = 22nF, CBOARD = 470
µF)
MAX4271/3-20
ON
0.595
0.597
0.601
0.599
0.603
0.605
04
2
6
8
101214
ON COMPARATOR THRESHOLD
vs. INPUT VOLTAGE
VIN (V)
RISING
FALLING
0.5950
0.6000
0.5975
0.6050
0.6025
0.6075
0.6100
-40
35
60
-15
10
85
ON-COMPARATOR THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
}
}
VIN = 12V
VIN = 5V
VIN = 3V
2.30
2.40
2.35
2.50
2.45
2.55
2.60
-40
35
60
-15
10
85
UVLO THRESHOLD VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
RISING
FALLING
140
145
150
155
160
UVLO DELAY vs. TEMPERATURE
TEMPERATURE (
°C)
-40
35
60
-15
10
85
VIN = 3V
VIN = 5V, 12V
MAX4273
TURN-OFF TIME
(EXTERNAL CGATE = 22nF, CBOARD = 470
µF)
MAX4271/3-20a
ILOAD
1A/div
0
ON
VOUT
2V/div
VGATE
2V/div
0
20
µs/div
MAX4273
TURN-OFF TIME
(CBOARD = 470
µF)
MAX4271/3-20b
VOUT
2V/div
VGATE
2V/div
0
ILOAD
1A/div
0
ON
50
µs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com