Electronic Components Datasheet Search
  English  ▼

X  

MAX4268EEE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4268EEE
Description  Ultra-Low-Distortion, Single-Supply, 300MHz Op Amps with Enable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4268EEE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4268EEE Datasheet HTML 1Page - Maxim Integrated Products MAX4268EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4268EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4268EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4268EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4268EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4268EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4268EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4268EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
VOUT = 1V step
Ultra-Low-Distortion, Single-Supply,
300MHz Op Amps with Enable
_______________________________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS
(VCC = +5V, VEE = 0, RL = 100
Ω to VCC/2, VCM = VCC/2, MAX4265/MAX4268 AV = +1V/V, MAX4266/MAX4269 AV = +2V/V,
MAX4267/MAX4270 AV = +5V/V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
fC = 100MHz
68
fC = 60MHz
72
Third Harmonic
Distortion
dBc
fC = 20MHz
86
fC = 10MHz
92
fC = 5MHz
95
fC = 1MHz
96
VOUT = 1Vp-p
(MAX4269)
fC = 100MHz
60
fC = 60MHz
68
Second Harmonic
Distortion
dBc
fC = 20MHz
78
fC = 10MHz
87
fC = 5MHz
90
fC = 1MHz
88
VOUT = 1Vp-p
(MAX4269)
Settling Time (0.1%)
tS,0.1
15
ns
VOUT = 1V step
Rise/Fall Times
tR, tF
1
ns
VOUT = 1V step
Slew Rate
SR
900
V/µs
VOUT = 1V step
All-Hostile Crosstalk
85
dB
f = 10MHz
MAX4267/MAX4270
MAX4266/MAX4269
MAX4265/MAX4268
0.1dB Gain Flatness
BW0.1dB
100
MHz
35
35
VOUT = 100mVp-p
MAX4267/MAX4270
MAX4266/MAX4269
MAX4265/MAX4268
Full-Power Bandwidth
FPBW
175
MHz
200
200
VOUT = 1Vp-p
fC = 100MHz
60
fC = 60MHz
68
fC = 20MHz
78
fC = 10MHz
87
fC = 5MHz
90
Spurious-Free Dynamic
Range
SFDR
dBc
fC = 1MHz
88
VOUT = 1Vp-p
(MAX4269)
MAX4267/MAX4270
MAX4266/MAX4269
MAX4265/MAX4268
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Small-Signal -3dB Bandwidth
BW-3dB
300
MHz
350
200
CONDITIONS
VOUT = 100mVp-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com