Electronic Components Datasheet Search
  English  ▼

X  

MAX4286ESA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4286ESA
Description  3V/5V, 250MHz, SOT23 ADC Buffer Amplifiers with High-Speed Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4286ESA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4286ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4286ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4286ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4286ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4286ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4286ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4286ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4286ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4286ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
+3V/+5V, 250MHz, SOT23 ADC Buffer Amplifiers
with High-Speed Disable
_______________________________________________________________________________________
5
AC ELECTRICAL CHARACTERISTICS (continued)
(VCC = +5V, VEE = 0, DISABLE_ = 5V, RL = 300
Ω to VCC/2, VCM = 2.5V, AVCL = +1V/V for MAX4285/MAX4287/MAX4288, AVCL =
+5V/V for MAX4286 and MAX4387/MAX4388, TA = +25°C, unless otherwise noted.)
f = 1MHz
fC = 20MHz
MAX4286 and
MAX4387/88
MAX4285/87/88
MAX4285/87/88
MAX4286 and
MAX4387/88
VOUT =
100mVp-p
VOUT = 1Vp-p
VOUT = 2V step, 10% to 90%
VOUT = 2V step
VOUT = 100mVp-p
MAX4285/87/88
VOUT = 1Vp-p
MAX4286 and
MAX4387/88
fC = 100kHz
VOUT= 2V step, 90% to 10%
fC = 1MHz
VOUT = 2V step, 10% to 90%
CONDITIONS
nV/
√Hz
6.5
en
Input Noise Voltage Density
dBm
40
IP3
Two-Tone Third-Order Intercept
45
64
Spurious-Free Dynamic Range
77
86
86
dBc
86
SFDR
10
fC = 5MHz
ns
8
tS 0.1%
Settling Time (0.1%)
ns
2.9
tF
Fall Time
ns
4.2
tR
Rise Time
MHz
195
BWLS
Large-Signal -3dB Bandwidth
130
fC = 10MHz
MHz
220
BWSS
Small-Signal -3dB Bandwidth
fC = 20MHz
V/µs
385
SR
Slew Rate
40
fC = 60MHz
MHz
75
BW0.1dB
Bandwidth for 0.1dB Flatness
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
f = 1MHz
MAX4287/88 and MAX4387/88,
f = 10MHz, VOUT = 2Vp-p
VOUT = 1V, to within 0.1%
VOUT = 1V, to within 0.1%
f = 10MHz
dBc
85
XTALK
Crosstalk
35
tOFF
Disable Time
ns
40
tON
Enable Time
Ω
0.5
ZOUT
Output Impedance
pF
2
CIN
Input Capacitance
pA/
√Hz
1.9
in
Input Noise Current Density
Note 1: The MAX428_EUT (SOT23) are 100% production tested at TA = +25°C. Specifications over temperature limits are guaran-
teed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com