Electronic Components Datasheet Search
  English  ▼

X  

MAX4287ESA Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX4287ESA
Description  3V/5V, 250MHz, SOT23 ADC Buffer Amplifiers with High-Speed Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4287ESA Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX4287ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4287ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4287ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4287ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4287ESA Datasheet HTML 12Page - Maxim Integrated Products MAX4287ESA Datasheet HTML 13Page - Maxim Integrated Products MAX4287ESA Datasheet HTML 14Page - Maxim Integrated Products MAX4287ESA Datasheet HTML 15Page - Maxim Integrated Products MAX4287ESA Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
+3V/+5V, 250MHz, SOT23 ADC Buffer Amplifiers
with High-Speed Disable
______________________________________________________________________________________
13
Ordering Information (continued)
Typical Operating Circuit
RG
RF
MAX4285
MAX4286
MAX4287
MAX4288
MAX4387
MAX4388
MAX157
A/D CONVERTER
VIN
Chip Information
TRANSISTOR COUNT: MAX4285/MAX4286 : 114
MA4287/MAX4288/
MAX4387/MAX4388 : 227
—
14 SO
-40°C to +85°C
MAX4388ESD
—
10 µMAX
-40°C to +85°C
MAX4388EUB
—
8 SO
-40°C to +85°C
MAX4387ESA
—
8 µMAX
-40°C to +85°C
MAX4387EUA
—
14 SO
-40°C to +85°C
MAX4288ESD
—
10 µMAX
-40°C to +85°C
MAX4288EUB
PART
SOT TOP
MARK
PIN-
PACKAGE
TEMP. RANGE
VEE
IN-
IN+ IN+
16
VCC
5
DISABLE
VEE
OUT
MAX4285
MAX4286
MAX4285
MAX4286
6-PIN SOT23
TOP VIEW
2
34
OUT
N.C.
VEE
1
2
8
7
DISABLE
VCC
IN-
IN+
N.C.
8-PIN SO
3
4
6
5
MAX4287
MAX4387
INB-
INB+
VEE
1
2
8
7
VCC
OUTB
INA-
INA+
OUTA
8-PIN SO/
µMAX
3
4
6
5
14
13
12
11
10
9
8
1
2
3
4
5
6
7
VCC
OUTB
INB-
INB+
VEE
INA+
INA-
OUTA
MAX4288
MAX4388
N.C.
DISABLEB
N.C.
N.C.
DISABLEA
N.C.
14-PIN SO
10
9
8
1
2
3
4
5
6
7
VCC
OUTB
INB-
INB+
VEE
INA+
INA-
OUTA
MAX4288
MAX4388
DISABLEB
DISABLEA
10-PIN
µMAX
Pin Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com