Electronic Components Datasheet Search
  English  ▼

X  

ICS853S011CI Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS853S011CI
Description  Maximum output frequency
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS853S011CI Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS853S011CI Datasheet HTML 1Page - Integrated Device Technology ICS853S011CI Datasheet HTML 2Page - Integrated Device Technology ICS853S011CI Datasheet HTML 3Page - Integrated Device Technology ICS853S011CI Datasheet HTML 4Page - Integrated Device Technology ICS853S011CI Datasheet HTML 5Page - Integrated Device Technology ICS853S011CI Datasheet HTML 6Page - Integrated Device Technology ICS853S011CI Datasheet HTML 7Page - Integrated Device Technology ICS853S011CI Datasheet HTML 8Page - Integrated Device Technology ICS853S011CI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
DATA SHEET
ICS853S011CGI REVISION A JULY 16, 2013
1
©2013 Integrated Device Technology, Inc.
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V
LVPECL/ECL Fanout Buffer
ICS853S011CI
General Description
The ICS853S011CI is a low skew, high performance 1-to-2
Differential-to-2.5V/3.3V LVPECL/ECL Fanout Buffer. The
ICS853S011CI is characterized to operate from either a 2.5V or a
3.3V power supply. Guaranteed output and part-to-part skew
characteristics make the ICS853S011CI ideal for those clock
distribution applications demanding well defined performance and
repeatability.
Features
• Two differential 2.5V, 3.3V LVPECL/ECL outputs
• One differential PCLK, nPCLK input pair
• PCLK, nPCLK pairs can accept the following
differential input levels: LVPECL, LVDS, CML, SSTL
• Maximum output frequency: >2.5GHz
• Translates any single-ended input signal to 3.3V LVPECL levels
with resistor bias on nPCLK input
• Output skew: 20ps (maximum)
• Part-to-part skew: 150ps (maximum)
• Propagation delay: 330ps (maximum)
• LVPECL mode operating voltage supply range:
VCC = 2.375V to 3.8V, VEE = 0V
• ECL mode operating voltage supply range:
VCC = 0V, VEE = -3.8V to -2.375V
• -40°C to 85°C ambient operating temperature
• Lead-free (RoHS 6) packaging
Q0
nQ0
Q1
nQ1
PCLK
nPCLK
Pulldown
Pullup/Pulldown
ICS853S011CI
8-Lead SOIC, 150MIL
3.90mm x 4.90mm x 1.37
mm package body
M Package
Top View
8-Lead TSSOP, 118MIL
3.0mm x 3.0mm x 0.97
mm package body
G Package
Top View
Pin Assignment
Block Diagram
1
2
3
4
8
7
6
5
Q0
nQ0
Q1
nQ1
VCC
PCLK
nPCLK
VEE


Similar Part No. - ICS853S011CI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS853S011CI RENESAS-ICS853S011CI Datasheet
746Kb / 20P
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
JULY 16, 2013
More results

Similar Description - ICS853S011CI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS853S12I IDT-ICS853S12I Datasheet
336Kb / 17P
Maximum output frequency
ICS859S0412I IDT-ICS859S0412I Datasheet
679Kb / 23P
Maximum output frequency
83054 IDT-83054 Datasheet
170Kb / 14P
Maximum output frequency
83056 IDT-83056 Datasheet
167Kb / 15P
Maximum output frequency
83918 IDT-83918 Datasheet
266Kb / 19P
Maximum output frequency
83947 IDT-83947 Datasheet
122Kb / 10P
Maximum output frequency
ICS853S012I IDT-ICS853S012I Datasheet
476Kb / 22P
Maximum output frequency
ICS853S54I IDT-ICS853S54I Datasheet
478Kb / 21P
Maximum output frequency
ICS8530-01 IDT-ICS8530-01 Datasheet
149Kb / 17P
Maximum output frequency
logo
Analog Devices
AD9528 AD-AD9528 Datasheet
1Mb / 68P
Maximum output frequency
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com