Electronic Components Datasheet Search
  English  ▼

X  

MAX4364ESA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4364ESA
Description  1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4364ESA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4364ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4364ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4364ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4364ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4364ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4364ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4364ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4364ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4364ESA Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
1.4W and 1W, Ultra-Small, Audio Power
Amplifiers with Shutdown
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = 5V, THD + N measurement bandwidth = 22Hz to 22kHz, TA = +25°C, unless otherwise noted.)
GAIN AND PHASE vs. FREQUENCY
FREQUENCY (Hz)
1M
100k
10k
1k
100
-160
-140
-120
-100
-80
-60
-40
-20
0
20
40
60
80
-180
10
10M
AV = 1000V/V
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
-70
-60
-50
-40
-30
-20
-80
10
100k
RL = 8
Ω
VRIPPLE = 200mVP-P
Pin Description
PIN
MAX4364
MAX4365
SO
µMAX/QFN
NAME
FUNCTION
1
7
SHDN
Active-High Shutdown. Connect SHDN to GND for normal operation.
2
1
BIAS
DC Bias Bypass. See BIAS Capacitor section for capacitor selection. Connect
CBIAS capacitor from BIAS to GND.
3
2
IN+
Noninverting Input
4
4
IN-
Inverting Input
5
5
OUT+
Bridged Amplifier Positive Output
66
VCC
Power Supply
7
3
GND
Ground
8
8
OUT-
Bridged Amplifier Negative Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com