Electronic Components Datasheet Search
  English  ▼

X  

MAX4311EEE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4311EEE
Description  High-Speed, Low-Power, Single-Supply, Multichannel, Video Multiplexer-Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4311EEE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4311EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4311EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4311EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4311EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4311EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4311EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4311EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4311EEE Datasheet HTML 10Page - Maxim Integrated Products MAX4311EEE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
-30
-100
100k
100M
10M
1M
MAX4310/MAX4311/MAX4312
HARMONIC DISTORTION vs. FREQUENCY
-70
-90
-40
-60
-20
-80
-50
FREQUENCY (Hz)
VOUT = 2Vp-p
2ND HARMONIC
3RD HARMONIC
-30
-100
100k
100M
10M
1M
MAX4313/MAX4314/MAX4315
HARMONIC DISTORTION vs. FREQUENCY
-70
-90
-40
-60
-20
-80
-50
FREQUENCY (Hz)
VOUT = 2Vp-p
2ND HARMONIC
3RD HARMONIC
0
-100
100k
10M
100M
1M
1G
POWER-SUPPLY REJECTION
vs. FREQUENCY
-80
FREQUENCY (Hz)
-60
-40
-20
-10
-30
-50
-70
-90
High-Speed, Low-Power, Single-Supply,
Multichannel, Video Multiplexer-Amplifiers
_______________________________________________________________________________________
7
-8
1
1000
100
10
MAX4314
SMALL-SIGNAL GAIN vs. FREQUENCY
-4
-6
-7
0
-2
2
-3
-5
1
-1
FREQUENCY (MHz)
VOUT = 100mVp-p
-0.8
1
1000
100
10
MAX4314
GAIN FLATNESS vs. FREQUENCY
-0.4
-0.6
-0.7
0
-0.2
0.2
-0.3
-0.5
0.1
-0.1
FREQUENCY (MHz)
VOUT = 100mVp-p
-8
1
1000
100
10
MAX4314
LARGE-SIGNAL GAIN vs. FREQUENCY
-4
-6
-7
0
-2
2
-3
-5
1
-1
FREQUENCY (MHz)
VOUT = 2Vp-p
-8
1
1000
100
10
MAX4315
SMALL-SIGNAL GAIN vs. FREQUENCY
-4
-6
-7
0
-2
2
-3
-5
1
-1
FREQUENCY (MHz)
VOUT = 100mVp-p
-0.8
1
1000
100
10
MAX4315
GAIN FLATNESS vs. FREQUENCY
-0.4
-0.6
-0.7
0
-0.2
0.2
-0.3
-0.5
0.1
-0.1
FREQUENCY (MHz)
VOUT = 100mVp-p
-8
1
1000
100
10
MAX4315
LARGE-SIGNAL GAIN vs. FREQUENCY
-4
-6
-7
0
-2
2
-3
-5
1
-1
FREQUENCY (MHz)
VOUT = 2Vp-p
Typical Operating Characteristics (continued)
(VCC = +5V; VEE = 0; SHDN ≥ 4V; RL = 150Ω to VCC/2; VCM = 1.5V; AVCL = +1V/V (MAX4310/MAX4311/MAX4312), AVCL = +2V/V
(MAX4313/MAX4314/MAX4315); TA = +25°C; unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com