Electronic Components Datasheet Search
  English  ▼

X  

MAX4372FESA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4372FESA
Description  Low-Cost, SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4372FESA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4372FESA Datasheet HTML 1Page - Maxim Integrated Products MAX4372FESA Datasheet HTML 2Page - Maxim Integrated Products MAX4372FESA Datasheet HTML 3Page - Maxim Integrated Products MAX4372FESA Datasheet HTML 4Page - Maxim Integrated Products MAX4372FESA Datasheet HTML 5Page - Maxim Integrated Products MAX4372FESA Datasheet HTML 6Page - Maxim Integrated Products MAX4372FESA Datasheet HTML 7Page - Maxim Integrated Products MAX4372FESA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
VOUT
VSENSE
600mV
200mV
30mV
10mV
MAX4372T
SMALL-SIGNAL TRANSIENT RESPONSE
MAX4372T toc10
20
µs/div
VOUT
VSENSE
1.5V
0.5V
30mV
10mV
MAX4372F
SMALL-SIGNAL TRANSIENT RESPONSE
MAX4372T toc11
20
µs/div
VOUT
VSENSE
3V
1V
30mV
10mV
MAX4372H
SMALL-SIGNAL TRANSIENT RESPONSE
MAX4372T toc12
20
µs/div
VOUT
VSENSE
1V
3V
50mV
150mV
MAX4372T
LARGE-SIGNAL TRANSIENT RESPONSE
MAX4372T toc13
20
µs/div
VOUT
VSENSE
2.5V
7.5V
50mV
150mV
MAX4372F
LARGE-SIGNAL TRANSIENT RESPONSE
20
µs/div
MAX4372T toc14
3
-8
1k
100k
10k
1M
SMALL-SIGNAL GAIN vs. FREQUENCY
-7
FREQUENCY (Hz)
-6
-5
-4
-3
-2
-1
0
1
2
G = +50V/V
G = +20V/V
G = +100V/V
VOUT
VSENSE
0
10V
0
100mV
MAX4372H
LARGE-SIGNAL TRANSIENT RESPONSE
20
µs/div
MAX4372T toc15
Low-Cost, SOT23, Micropower, High-Side
Current-Sense Amplifier with Voltage Output
_______________________________________________________________________________________
5
Typical Operating Characteristics (continued)
(VCC = +12V, VRS+ = 12V, VSENSE = 100mV, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com