Electronic Components Datasheet Search
  English  ▼

X  

IRFV260 Datasheet(PDF) 2 Page - International Rectifier

Part # IRFV260
Description  Simple Drive Requirements
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFV260 Datasheet(HTML) 2 Page - International Rectifier

  IRFV260 Datasheet HTML 1Page - International Rectifier IRFV260 Datasheet HTML 2Page - International Rectifier IRFV260 Datasheet HTML 3Page - International Rectifier IRFV260 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min.
Typ. Max. Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
200
—
—
V
VGS = 0V, ID = 1.0 mA
∆BVDSS/∆TJ Temp. Coefficient of Breakdown Voltage —
0.24
—
V/°C
Reference to 25°C, ID = 1.0 mA
RDS(on)
Static Drain-to-Source
—
—
0.060
VGS = 10V, ID =29A „
On-State Resistance
—
—
0.068
Ω
VGS = 10V, ID = 45A
VGS(th)
Gate Threshold Voltage
2.0
—
4.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
22
—
—
S (
)VDS ≥ 15V, IDS = 29A „
IDSS
Zero Gate Voltage Drain Current
—
—
25
µA
VDS=0.8 x Max Rating,VGS=0V
—
—
250
VDS = 0.8 x Max Rating
VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Leakage Forward
—
—
100
nA
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
—
—
-100
VGS = -20V
Q g
Total Gate Charge
—
—
230
VGS =10V, ID = 45A
Q gs
Gate-to-Source Charge
—
—
40
nC
VDS = Max. Rating x 0.5
Qgd
Gate-to-Drain (“Miller”) Charge
—
—
110
td(on)
Turn-On Delay Time
—
—
29
VDD = 100V, ID =45A,
t r
Rise Time
—
—
120
ns
RG = 2.35Ω, VGS =10V
td(off)
Turn-Off Delay Time
—
—
110
tf
Fall Time
—
—
92
LD
Internal Drain Inductance
—
8.7
—
LS
Internal Source Inductance
—
8.7
—
nH
Ciss
Input Capacitance
—
5100
—
VGS = 0V, VDS = 25V
Coss
Output Capacitance
—
1100
—
pF
f = 1.0 MHz
Crss
Reverse Transfer Capacitance
—
280
—
IRFV260 Device
Measuredfromthe
drainlead,6mm(0.25
in.) from package to
center of die.
Measuredfromthe
sourcelead,6mm
(0.25in.)frompackage
tosourcebondingpad.
ModifiedMOSFET
symbolshowingthe
internalinductances.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com