Electronic Components Datasheet Search
  English  ▼

X  

FT232BL_BQ Datasheet(PDF) 11 Page - Future Technology Devices International Ltd.

Part # FT232BL_BQ
Description  The FT232B is a USB to serial UART interface with the following advanced features
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232BL_BQ Datasheet(HTML) 11 Page - Future Technology Devices International Ltd.

Back Button FT232BL_BQ Datasheet HTML 7Page - Future Technology Devices International Ltd. FT232BL_BQ Datasheet HTML 8Page - Future Technology Devices International Ltd. FT232BL_BQ Datasheet HTML 9Page - Future Technology Devices International Ltd. FT232BL_BQ Datasheet HTML 10Page - Future Technology Devices International Ltd. FT232BL_BQ Datasheet HTML 11Page - Future Technology Devices International Ltd. FT232BL_BQ Datasheet HTML 12Page - Future Technology Devices International Ltd. FT232BL_BQ Datasheet HTML 13Page - Future Technology Devices International Ltd. FT232BL_BQ Datasheet HTML 14Page - Future Technology Devices International Ltd. FT232BL_BQ Datasheet HTML 15Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
Copyright © 2011 Future Technology Devices International Limited
11
Document No.: FT_000329
FT232BL
/BQ USB UART IC Datasheet Version 2.2
Clearance No.: FTDI#
171
possibilities exist. For instance, it may be possible to connect the device to an SRAM configurable FPGA as
supplied by vendors such as Altera and Xilinx. The FPGA device would normally be un-configured (i.e.
have no defined function) at power-up. Application software on the PC could use Bit Bang Mode to
download configuration data to the FPGA which would define its hardware function, then after the FPGA
device is configured the FT232B can switch back into UART interface mode to allow the programmed
FPGA device to communicate with the PC over USB. This approach allows a customer to create a
“generic” USB peripheral whose hardware function can be defined under control of the application
software. The FPGA based hardware can be easily upgraded or totally changed simply by changing the
FPGA configuration data file. Application notes, software and development modules for this application
area will be available from FTDI and other 3rd parties.
PreScaler Divide By 1 Fix. The previous device had a problem when the integer part of the divisor was
set to 1. In the 2nd generation device setting the prescaler value to 1 gives a baud rate of 2 million baud
and setting it to zero gives a baud rate of 3 million baud. Non-integer division is not supported with
divisor values of 0 and 1.
Less External Support Components. As well as eliminating the RCCLK RC network, and for most
applications the need for an external reset circuit, we have also eliminated the requirement for a 100K
pull-up on EECS to select 6MHz operation. When the FT232B is being used without the configuration
EEPROM, EECS, EESK and EEDATA can now be left n/c. For circuits requiring a long reset time (where the
device is reset externally using a reset generator I.C., or reset is controlled by the IO port of a MCU,
FPGA or ASIC device) an external transistor circuit is no longer required as the 1.5k pull-up resistor on
USBDP can be wired to the RSTOUT# pin instead of to 3.3V. Note : RSTOUT# drives out at 3.3V level,
not at 5V VCC level. This is the preferred configuration for new designs.
Extended EEPROM Support. The previous generation of devices only supported EEPROM of type 93C46
(64 x 16 bit). The new devices will also work with EEPROM type 93C56 (128 x 16 bit) and 93C66 (256 x
16 bit). The extra space is not used by the device, however it is available for use by other external MCU /
logic whilst the FT232B is being held in reset.
USB 2.0 (full speed option). A new EEPROM based option allows the FT232B to return a USB 2.0
device descriptor as opposed to USB 1.1. Note : The device would be a USB 2.0 Full Speed device
(12Mb/s) as opposed to a USB 2.0 High Speed device (480Mb/s).
Multiple Device Support without EEPROM. When no EEPROM (or a blank or invalid EEPROM) is
attached to the device, the FT232B no longer gives a serial number as part of its USB descriptor. This
allows multiple devices to be simultaneously connected to the same PC. However, we still highly
recommend that EEPROM is used, as without serial numbers a device can only be identified by which hub
port in the USB tree it is connected to which can change if the end user re-plugs the device into a
different port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com