Electronic Components Datasheet Search
  English  ▼

X  

FT232HQ Datasheet(PDF) 39 Page - Future Technology Devices International Ltd.

Part # FT232HQ
Description  FT232H Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232HQ Datasheet(HTML) 39 Page - Future Technology Devices International Ltd.

Back Button FT232HQ Datasheet HTML 35Page - Future Technology Devices International Ltd. FT232HQ Datasheet HTML 36Page - Future Technology Devices International Ltd. FT232HQ Datasheet HTML 37Page - Future Technology Devices International Ltd. FT232HQ Datasheet HTML 38Page - Future Technology Devices International Ltd. FT232HQ Datasheet HTML 39Page - Future Technology Devices International Ltd. FT232HQ Datasheet HTML 40Page - Future Technology Devices International Ltd. FT232HQ Datasheet HTML 41Page - Future Technology Devices International Ltd. FT232HQ Datasheet HTML 42Page - Future Technology Devices International Ltd. FT232HQ Datasheet HTML 43Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 65 page
background image
Copyright © 2014 Future Technology Devices International Limited
39
Document No.: FT_000288
FT232H SINGLE CHANNEL HI-SPEED USB TO MULTIPURPOSE UART/FIFO IC
Datasheet Version 1.81
Clearance No.: FTDI #199
4.9.1 Outgoing Fast Serial Data
To send fast serial data out of the FT232H, the external device must drive the FSCLK clock. If the FT232H
has data ready to send, it will drive FSDO output low to indicate the start bit. It will not do this if it is
currently receiving data from the external device. This is illustrated in Figure 4.18
Figure 4.18 Fast Serial Interface Output Data
Notes :-
1. The first bit output (Start bit) is always 0.
2. FSDO is always sent LSB first.
3. The last serial bit output is the source bit (SRCE) is always 0.
4. If the target device is unable to accept the data when it detects the START bit, it should stop the
FSCLK until it can accept the data.
4.9.2 Incoming Fast Serial Data
An external device is allowed to send data into the FT232H if FSCTS is high. On receipt of a zero START
bit on FSDI, the FT232H will drop FSCTS on the next positive clock edge. The data from bits 0 to 7 are
then clocked in (LSB first). The last bit (DEST) determines where the data will be written to. This bit is
always 0 with the FT232H. This is illustrated in Figure 4.19
Figure 4.19 Fast Serial Interface Input Data
Notes:-
1. The first bit input (Start bit) is always 0.
2. FSDI is always received LSB first.
3. The last received serial bit is the destination bit (DEST) is always 0.
4.
The target device should ensure that FSCTS is high before it sends data. FSCTS goes low after
data bit 0 (D0) and stays low until the chip can accept more data.
FSCLK
FSDO
0
D0
D1
D2
D3
D4
D5
D6
D7
SRCE
Start
Bit
Data Bits - LSB first
Source
Bit
FSCLK
FSDI
0
D0
D1
D2
D3
D4
D5
D6
D7
DEST
Start
Bit
Data Bits - LSB first
Destination
Bit
FSCTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com