Electronic Components Datasheet Search
  English  ▼

X  

MAX442 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX442
Description  140MHz, 2-Channel Video Multiplexer/Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX442 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX442 Datasheet HTML 1Page - Maxim Integrated Products MAX442 Datasheet HTML 2Page - Maxim Integrated Products MAX442 Datasheet HTML 3Page - Maxim Integrated Products MAX442 Datasheet HTML 4Page - Maxim Integrated Products MAX442 Datasheet HTML 5Page - Maxim Integrated Products MAX442 Datasheet HTML 6Page - Maxim Integrated Products MAX442 Datasheet HTML 7Page - Maxim Integrated Products MAX442 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
140MHz, 2-Channel
Video Multiplexer/Amplifier
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(V+ = 5V, V- = -5V, RL = 150Ω, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (V+ to V-).......................................................12V
Analog Input Voltage ............................(V+ + 0.3V) to (V- - 0.3V)
Digital Input Voltage .....................................-0.3V to (V+ + 0.3V)
Short-Circuit Current Duration ........................................1 minute
Input Current to Any Pin, Power On or Off........................±50mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 9.09mW/°C above +70°C) ............727mW
SO (derate 5.88mW/°C above +70°C) .........................471mW
Operating Temperature Ranges
MAX442C_A........................................................0°C to +70°C
MAX442E_A .....................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
TA = +25°C
AV = 0dB
Channel on or off
VIN = 0V
MAX442C
MAX442E
TA = +25°C
TA = TMIN to TMAX
AV = 6dB
CONDITIONS
50
mV
±1.5
±7.0
VOS
Input Offset Voltage
(All Channels)
V
-2
2
VIN
Input Voltage Range
m
Ω
25
ROUT
DC Output Resistance
pF
4
CIN
Input Capacitance
±5
µA
±0.6
±2
IB
Input Bias Current
(Channel On)
±10
±12
mV
±1
±2.5
Offset Matching
(VOS0–VOS1)
±5.0
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
TA = +25°C
TA = TMIN to TMAX
VIN = 0V
±1
TA = +25°C
TA = TMIN to TMAX
nA
±0.5
±50
ILKG
Input Leakage Current
(Channel Off)
-2V
≤ VCM ≤ 2V
0.2
TA = +25°C
TA = TMIN to TMAX
M
Ω
0.5
2.0
RIN
Input Resistance
(Channel On) (Note 1)
µA
RL = 75Ω,
-2V
≤ VOUT ≤ +2V
46
dB
50
60
AVOL
Open-Loop Voltage Gain
TA = TMIN to TMAX
TA = +25°C
-2V
≤ VIN ≤ +2V
46
dB
46
50
CMRR
Common-Mode Rejection Ratio
TA = TMIN to TMAX
TA = +25°C
RL = 75Ω
±2.0
V
±2.5
±3.0
VOUT
Output Voltage Swing
TA = TMIN to TMAX
TA = +25°C
±4.75V to ±5.25V
54
dB
54
80
PSRR
Power-Supply Rejection Ratio
TA = TMIN to TMAX
TA = +25°C
DC PERFORMANCE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com