Electronic Components Datasheet Search
  English  ▼

X  

FT4222 Datasheet(PDF) 5 Page - Future Technology Devices International Ltd.

Part # FT4222
Description  UMFT4222PROG FT4222 Programmer Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4222 Datasheet(HTML) 5 Page - Future Technology Devices International Ltd.

  FT4222 Datasheet HTML 1Page - Future Technology Devices International Ltd. FT4222 Datasheet HTML 2Page - Future Technology Devices International Ltd. FT4222 Datasheet HTML 3Page - Future Technology Devices International Ltd. FT4222 Datasheet HTML 4Page - Future Technology Devices International Ltd. FT4222 Datasheet HTML 5Page - Future Technology Devices International Ltd. FT4222 Datasheet HTML 6Page - Future Technology Devices International Ltd. FT4222 Datasheet HTML 7Page - Future Technology Devices International Ltd. FT4222 Datasheet HTML 8Page - Future Technology Devices International Ltd. FT4222 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Copyright © 2014 Future Technology Devices International Limited
10
FT4222H Programmer Module
Version 1.0
Document Reference No.: FT_001058. Clearance No.: FTDI #408
3.1 Connection with UMFT4222EV
The UMFT4222EV module has a 4-pin ( populated at pin 3 and 4 positions), 2.54mm pitch male connector
JP1 for connecting to the UMFT4222PROG JP1. The details of connect configuration are listed below.
1. UMFT4222PROG JP1 Pin3 to UMFT4222PROG JP1 Pin3
2. UMFT4222PROG JP1 Pin4 to UMFT4222PROG JP1 Pin4
3. UMFT4222PROG CN2 to UMFT4222EV CN1
4. UMFT4222PROG CN1 to PC
Figure 3-2 Example connection of UMFT4222PROG to UMFT4222EV
3.2 Connection with Custom FT4222H design
Custom designs using the FT4222H hardware, should expose a VPP and GND pin on the design PCB for OTP
memory programming if required. The details of connect configuration are listed below.
1. UMFT4222PROG JP1 Pin3 to FT4222H GND Pin
2. UMFT4222PROG JP1 Pin4 to FT4222H VPP Pin
3. UMFT4222PROG CN2 to FT4222H USB D+/D-
4. UMFT4222PROG CN1 to PC
Figure 3-3 UMFT4222PROG to FT4222H Custom Device
UMFT4222PROG
UMFT4222EV
CN1
JP1
CN2
CN1
JP1
USB
Cable
GND
VPP
To
PC
UMFT4222PROG
Custom Device
CN1
JP1
CN2
To
PC
GND
VPP
FT4222H
VPP
GND
USB
Cable



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com