Electronic Components Datasheet Search
  English  ▼

X  

FT4222H Datasheet(PDF) 44 Page - Future Technology Devices International Ltd.

Part # FT4222H
Description  FT4222H is a USB2.0 to Quad-SPI/I2C interface Device Controller with the following advanced features
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4222H Datasheet(HTML) 44 Page - Future Technology Devices International Ltd.

Back Button FT4222H Datasheet HTML 40Page - Future Technology Devices International Ltd. FT4222H Datasheet HTML 41Page - Future Technology Devices International Ltd. FT4222H Datasheet HTML 42Page - Future Technology Devices International Ltd. FT4222H Datasheet HTML 43Page - Future Technology Devices International Ltd. FT4222H Datasheet HTML 44Page - Future Technology Devices International Ltd. FT4222H Datasheet HTML 45Page - Future Technology Devices International Ltd. FT4222H Datasheet HTML 46Page - Future Technology Devices International Ltd. FT4222H Datasheet HTML 47Page - Future Technology Devices International Ltd. FT4222H Datasheet HTML 48Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 49 page
background image
Copyright © 2015 Future Technology Devices International Limited
44
FT4222H USB2.0 TO QUADSPI/I2C BRIDGE IC
1.1
Document No.: FT_001011 Clearance No.: FTDI#405
10.3 Solder Reflow Profile
The FT4222H is supplied in a Pb free VQFN-32 package. The recommended solder reflow profile is shown
in Figure 10.3.
Figure 10.3 FT4222H Solder Reflow Profile
The recommended values for the solder reflow profile are detailed in Table 10.1. Values are shown for
both a completely Pb free solder process (i.e. the FT4222H is used with Pb free solder), and for a non-Pb
free solder process (i.e. the FT4222H is used with non-Pb free solder).
Profile Feature
Pb Free Solder Process
Non-Pb Free Solder Process
Average Ramp Up Rate (Ts to Tp)
3°C / second Max.
3°C / Second Max.
Preheat
- Temperature Min (Ts Min.)
- Temperature Max (Ts Max.)
- Time (ts Min to ts Max)
150°C
200°C
60 to 120 seconds
100°C
150°C
60 to 120 seconds
Time Maintained Above Critical Temperature
TL:
- Temperature (TL)
- Time (tL)
217°C
60 to 150 seconds
183°C
60 to 150 seconds
Peak Temperature (Tp)
260°C
240°C
Time within 5°C of actual Peak Temperature
(tp)
20 to 40 seconds
20 to 40 seconds
Ramp Down Rate
6°C / second Max.
6°C / second Max.
Time for T= 25°C to Peak Temperature, Tp
8 minutes Max.
6 minutes Max.
Table 10.1 Reflow Profile Parameter Values
Critical Zone: when
T is in the range
T to T
Time, t (seconds)
25
P
T = 25º C to T
tp
Tp
TL
t
Preheat
S
t
L
Ramp Up
L
p
Ramp
Down
T Max
S
T Min
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com