Electronic Components Datasheet Search
  English  ▼

X  

LWDM Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # LWDM
Description  Oplink?셲 Green LAN (Local Area Network) Wavelength Division Multiplexer is designed to meet industrial stringent size and loss requirement.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

LWDM Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  LWDM Datasheet HTML 1Page - OPLINK Communications Inc. LWDM Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S0465 - R01. (web) 20150615
Product Description
Features
Applications
Product Configurations
Performance Specificationns
Notes:
[1] The maximum IL is under all states of polarization and
within the full operating temperature and wavelength ranges
specified.
[2] All the parameters are without connectors.
Parameters
Symbol
Min
Typ
Max
Unit
Operating Wavelength
λop
1280
1330
mm
Channels Number
4
Channel Spacing
800
GHz
Channel ITU Wavelength
CH1
λi
1294.53
1295.56
1296.59
nm
CH2
1299.02
1300.05
1301.09
CH3
1303.54
1304.58
1305.63
CH4
1308.09
1309.14
1310.19
Insertion Loss
Premium Grade
IL
1.5
dB
Standard Grade
1.9
dB
Passband Flatness
0.5
dB
Adjacent Channel Isolation
Demux
IS
adj
25
dB
Mux
15
dB
Non-Adjacent Channel Isola-
tion
Demux
IS
Non- adj
35
dB
Mux
15
dB
Directivity
DIR
50
55
dB
Polarization Dependent Loss
PDL
0.5
dB
TDL (-5oC~80oC)
Compared with IL in room temperature
TDL
0.5
dB
Optical Power Handling
300
mW
Return Loss
RL
45
50
dB
Operating Temperature
-5
80
o
C
Storage Temperature
-40
85
o
C
Pair Connector Loss
PC type
0.3
dB
APC type
0.4
dB
Fiber Type
Corning XB fiber or equivalent
CH1
COM
CH2
CH3
CH4
LWDM Series
Oplink’s Green LAN (Local Area Network) Wavelength Division Multiplexer is designed
to meet industrial stringent size and loss requirement. Based on Thin-Film-Filter (TFF)
and Micro-optics, this low loss LWDM features small form factor, ultra low insertion
loss, high channel isolation, and unparallel reliability.The technology is a lead-free packag-
ing platform and no epoxy in the optical path.The LAN-WDM is Telcordia GR-1221and
GR-1209 qualified, and complied with industry green initiatives such as RoHS and WEEE.
WDM System for Local Area Network
Market
Optimized package for CFP transceiver
modules
Following 100 Gbps IEEE 802.3ba
standard
LAN-WDM
Small Form Factor
Devices may be used as Multiplexer or
Demultiplexer
Environmental Green Plan Compliance
Ultra-low Insertion Loss
High Reliability
High Channel Isolation
Epoxy-Free Optical Path
RoHS 6 Compliant


Similar Part No. - LWDM

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
LWD-1205E POWER-SYSTEMS-LWD-1205E Datasheet
222Kb / 6P
DC-DC Converter UNIT 5 W WIDE INPUT RANGE DC-DC CONVERTER
LWD-1205T POWER-SYSTEMS-LWD-1205T Datasheet
222Kb / 6P
DC-DC Converter UNIT 5 W WIDE INPUT RANGE DC-DC CONVERTER
LWD-1209E POWER-SYSTEMS-LWD-1209E Datasheet
222Kb / 6P
DC-DC Converter UNIT 5 W WIDE INPUT RANGE DC-DC CONVERTER
LWD-1212E POWER-SYSTEMS-LWD-1212E Datasheet
222Kb / 6P
DC-DC Converter UNIT 5 W WIDE INPUT RANGE DC-DC CONVERTER
LWD-1212T POWER-SYSTEMS-LWD-1212T Datasheet
222Kb / 6P
DC-DC Converter UNIT 5 W WIDE INPUT RANGE DC-DC CONVERTER
More results

Similar Description - LWDM

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B951 CYPRESS-CY7B951 Datasheet
150Kb / 9P
Local Area Network ATM Transceiver
CY7B951 CYPRESS-CY7B951_06 Datasheet
377Kb / 10P
Local Area Network ATM Transceiver
logo
JDS Uniphase Corporatio...
WDM-CAD04000 JDSU-WDM-CAD04000 Datasheet
160Kb / 3P
Coarse Wavelength Division Multiplexer/Demultiplexer (CWDM) Filter
logo
Emcore Corporation
6925WM-SDSP EMCORE-6925WM-SDSP Datasheet
136Kb / 2P
Coarse Wavelength-division Multiplexer
logo
Cypress Semiconductor
CY7B951 CYPRESS-CY7B951_11 Datasheet
483Kb / 17P
Local Area Network ATM Transceiver
logo
Honeywell Solid State E...
HFD7000-212 HONEYWELL-HFD7000-212 Datasheet
366Kb / 4P
Designed to meet industrial LAN (Local Area Network) specificatons
logo
OPLINK Communications I...
CWDMG_48CH OPLINK-CWDMG_48CH Datasheet
350Kb / 2P
Oplink?셲 Coarse Wavelength Division Multiplexer is based on patented athermal platform for optical device.
DWDMG1_48CH OPLINK-DWDMG1_48CH Datasheet
283Kb / 2P
Oplink?셲 100GHz Dense Wavelength Division Multiplexer is based on patented athermal platform for optical device.
DWDMG2_48CH OPLINK-DWDMG2_48CH Datasheet
283Kb / 2P
Oplink?셲 200GHz Dense Wavelength Division Multiplexer is based on patented athermal platform for optical device.
logo
Bothhand USA, LP.
24STS05-LF BOTHHAND-24STS05-LF Datasheet
157Kb / 2P
Designed to meet IEEE802.3u requirement
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com