Electronic Components Datasheet Search
  English  ▼

X  

OFMS1X8 Datasheet(PDF) 3 Page - OPLINK Communications Inc.

Part # OFMS1X8
Description  The OFMS series 1x8 optical fiber switch is based on Oplink?셲 patented opto-mechanical switches with unique prism design to improve the switch repeatability and stability.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

OFMS1X8 Datasheet(HTML) 3 Page - OPLINK Communications Inc.

  OFMS1X8 Datasheet HTML 1Page - OPLINK Communications Inc. OFMS1X8 Datasheet HTML 2Page - OPLINK Communications Inc. OFMS1X8 Datasheet HTML 3Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
OFMS
Ordering Information
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules
Mechanical Drawing / Package Dimensions (dimension in mm)
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s OEM
design team or account manager for your requirements and ordering information (510) 933-7200.
0
E
0
0
8
1
0
2
Package Type
Fiber Type
Fiber Length
Wavelength
P2 = 2
SMF-28 250µm =1
SMF-28 w/ 900µm loose tube =2
0.5meter= H
1.0meter= 1
1.5meter= 5
2.0meter= 2
C+L bands = E
Connector
Type
None = 1
FC/PC=2
FC/SPC=3
FC/APC=4
SC/PC=5
SC/SPC=6
SC/APC=7
ST=8
LC=9
MU=A
OFMS Series 1x8 Optical Fiber Switches
OFMS1x8 Series
S0043 - R03 (web). 20101112



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com