Electronic Components Datasheet Search
  English  ▼

X  

MAX4432 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4432
Description  Dual-Supply, 180MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4432 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4432 Datasheet HTML 1Page - Maxim Integrated Products MAX4432 Datasheet HTML 2Page - Maxim Integrated Products MAX4432 Datasheet HTML 3Page - Maxim Integrated Products MAX4432 Datasheet HTML 4Page - Maxim Integrated Products MAX4432 Datasheet HTML 5Page - Maxim Integrated Products MAX4432 Datasheet HTML 6Page - Maxim Integrated Products MAX4432 Datasheet HTML 7Page - Maxim Integrated Products MAX4432 Datasheet HTML 8Page - Maxim Integrated Products MAX4432 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Dual-Supply, 180MHz, 16-Bit Accurate,
Ultra-Low Distortion Op Amps
_______________________________________________________________________________________
5
3
-6
1M
1G
100M
10M
MAX4430/MAX4432
SMALL-SIGNAL GAIN vs. FREQUENCY
(AVCL = +1V/V)
-3
-5
1
-1
4
-2
-4
2
0
FREQUENCY (Hz)
100mVp-p
3
-6
1M
1G
100M
10M
MAX4431/MAX4433
SMALL-SIGNAL GAIN vs. FREQUENCY
(AVCL = +2V/V)
-3
-5
1
-1
4
-2
-4
2
0
FREQUENCY (Hz)
100mVp-p
0.8
-1.0
1M
1G
100M
10M
MAX4430/MAX4432
GAIN FLATNESS vs. FREQUENCY
(AVCL = +1V/V)
-0.4
-0.8
0.4
0
1.0
-0.2
-0.6
0.6
0.2
FREQUENCY (Hz)
100mVp-p
0.4
-0.5
1M
1G
100M
10M
MAX4431/MAX4433
GAIN FLATNESS vs. FREQUENCY
(AVCL = +2V/V)
-0.2
-0.4
0.2
0
0.5
-0.1
-0.3
0.3
0.1
FREQUENCY (Hz)
100mVp-p
1M
1G
100M
10M
MAX4430/MAX4432
LARGE-SIGNAL GAIN vs. FREQUENCY
(AVCL = +1V/V)
FREQUENCY (Hz)
1Vp-p
3
-6
-3
-5
1
-1
4
-2
-4
2
0
1M
1G
100M
10M
MAX4431/MAX4433
LARGE-SIGNAL GAIN vs. FREQUENCY
(AVCL = +2V/V)
FREQUENCY (Hz)
3
-6
-3
-5
1
-1
4
-2
-4
2
0
1Vp-p
MAX4430/MAX4432
SMALL-SIGNAL PULSE RESPONSE
10ns/div
INPUT
50mV/div
OUTPUT
50mV/div
AVCL = +1V/V
MAX4431/MAX4433
SMALL-SIGNAL PULSE RESPONSE
10ns/div
INPUT
25mV/div
OUTPUT
50mV/div
AVCL = +2V/V
MAX4430/MAX4432
LARGE-SIGNAL PULSE RESPONSE
10ns/div
INPUT
500mV/V
OUTPUT
500mV/div
AVCL = +1V/V
Typical Operating Characteristics
(VCC = +5V, VEE = -5V, RL = 500
Ω, CL = 0pF, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com