Electronic Components Datasheet Search
  English  ▼

X  

MAX4445ESE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4445ESE
Description  Ultra-High-Speed, Low-Distortion, Differentialto- Single-Ended Line Receivers with Enable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4445ESE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4445ESE Datasheet HTML 1Page - Maxim Integrated Products MAX4445ESE Datasheet HTML 2Page - Maxim Integrated Products MAX4445ESE Datasheet HTML 3Page - Maxim Integrated Products MAX4445ESE Datasheet HTML 4Page - Maxim Integrated Products MAX4445ESE Datasheet HTML 5Page - Maxim Integrated Products MAX4445ESE Datasheet HTML 6Page - Maxim Integrated Products MAX4445ESE Datasheet HTML 7Page - Maxim Integrated Products MAX4445ESE Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
V/µs
Ultra-High Speed, Low-Distortion, Differential-
to-Single-Ended Line Receivers with Enable
_______________________________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS
(VCC = +5V, VEE = -5V, VEN = 5V, RL = 100Ω, REF = GND, AVCL = +2V/V, TA = +25°C, unless otherwise noted.)
VOUT = 2Vp-p
Settle to 0.1% , VOUT = 2V step
VOUT = 1V step
VOUT = 2Vp-p
VOUT = 100mVp-p
VOUT = 2V step
CONDITION
-35
-55
dBc
-65
SFDR
ns
12
Settling Time
650
MHz
BWLS
Large-Signal -3dB Bandwidth
MHz
550
BWSS
Small-Signal -3dB Bandwidth
ps
1200
500
MHz
80
0.1dB Gain Flatness
5000
2400
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
-60
tRISE
Rise Time (Note 1)
f = 100kHz
f = 100kHz (Note 2)
NTSC, RL = 150Ω
pA/
√Hz
1.8
iN
Input Noise Current Density
nV/
√Hz
25
eN
Input Noise Voltage Density
degrees
0.05
DP
Differential Phase Error
NTSC, RL = 150Ω
%
0.07
DG
Differential Gain Error
VOUT = 100mVp-p
fC = 100kHz
fC = 100MHz
fC = 20MHz
fC = 5MHz
VOUT = 2Vp-p
fC = 100MHz
-35
fC = 100kHz
fC = 20MHz
fC = 5MHz
-50
dBc
-65
2nd-Harmonic Distortion
-62
VOUT = 2Vp-p
fC = 100MHz
-55
fC = 100kHz
fC = 20MHz
fC = 5MHz
-62
dBc
-90
3rd-Harmonic Distortion
-72
VOUT = 4V step
VOUT = 0.5V step
VOUT = 1V step
VOUT = 2V step
700
700
700
ps
825
tFALL
Fall Time (Note 1)
V/µs
SR
Slew Rate (Note 1)
VOUT = 0.5V step
600
MAX4444
VOUT = 4V step
MAX4445
MAX4444
MAX4445
3800
2000
VIN = 1V, VOUT settle to within 10%
VIN = 1V, VOUT settle to within 10%
ns
200
tSHDN(OFF)
Disable Time
ns
80
tSHDN(ON)
Enable Time
f = 10MHz
Ω
0.7
ZOUT
Output Impedance
VIN = 1V, VOUT settle to within 10%
VIN = 1V, VOUT settle to within 10%
µs
0.3
tOFF
Power-Down Time
µs
0.5
tON
Power-Up Time
Note 1: Input step voltage has <100ps rise (fall) time. Measured at the output from 10% to 90% (90% to 10%) level.
Note 2: Includes the current noise contribution through the on-die feedback resistor.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com