Electronic Components Datasheet Search
  English  ▼

X  

MAX4430ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4430ESA
Description  Dual-Supply, 180MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4430ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4430ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4430ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4430ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4430ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4430ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4430ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4430ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4430ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4430ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX4430/MAX4431 single and MAX4432/MAX4433
dual operational amplifiers feature wide bandwidth, 16-
bit settling times in 37ns, and low-noise/low-distortion
operation. The MAX4430/MAX4432 are compensated for
unity gain stability and have a small signal -3dB band-
width of 180MHz. The MAX4431/MAX4433 are compen-
sated for closed-loop gains of +2 or greater and have a
small-signal -3dB bandwidth of 215MHz.
The MAX4430–MAX4433 op amps require only 11mA of
supply current per amplifier while achieving 125dB open-
loop gain. Voltage noise density is a low 2.8nV/
√Hz,
and provides 100dB spurious-free dynamic range
(SFDR) at 1MHz. These characteristics make these op
amps ideal for driving modern high-speed 14- and 16-
bit analog-to-digital converters (ADCs).
These high-speed op amps feature wide output voltage
swings capable of driving ADCs with
≥4V input dynamic
range and a high current output drive up to 60mA. Using
a voltage feedback architecture, the MAX4430–
MAX4433 meet the requirements of many applications
that previously depended on current feedback ampli-
fiers.
The MAX4430/MAX4431 are available in a space-sav-
ing 5-pin SOT23 package, and the MAX4432/MAX4433
are available in an 8-pin µMAX package.
________________________Applications
High-Speed 14- and 16-Bit ADC Preamplifiers
Low-Noise Preamplifiers
IF/RF Amplifiers
Low-Distortion Active Filters
High-Performance Receivers
Precision Instrumentation
____________________________Features
o 16-Bit Accurate Settling in 37ns
(MAX4430/MAX4432)
o 100dB SFDR at 1MHz, 4Vp-p Output
o 2.8nV/√Hz Input Voltage Noise Density
o 110dB (min) Open-Loop Gain
o 145V/µs Slew Rate (MAX4431/MAX4433)
o 60mA High Output Drive
o Wide Voltage Swing Capable of Driving ADC
Inputs with
≥4Vp-p Input Dynamic Range
o Available in Space-Saving Packages
5-pin SOT23 (MAX4430/MAX4431)
8-pin µMAX (MAX4432/MAX4433)
Dual-Supply, 180MHz, 16-Bit Accurate,
Ultra-Low Distortion Op Amps
________________________________________________________________ Maxim Integrated Products
1
19-1749; Rev 0; 7/00
For free samples and the latest literature, visit www.maxim-ic.com or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
Ordering Information
Ordering Information continued at end of data sheet.
IN-
IN+
15
VCC
OUT
MAX4430
MAX4431
SOT23-5
TOP VIEW
2
34
VEE
Pin Configurations
Typical Operating Circuit
Selector Guide
IN
15
VCC
2
34
VEE
C1
C2
HIGH-SPEED
14-/16-BIT ADC
MAX4430
MAX4431
Pin Configurations continued at end of data sheet.
PART
AMPS
MIN GAIN
STABLE
(V/V)
BW
(MHz)
SETTLING
TIME TO
0.0015%
(ns)
MAX4430
1
+1
180
37
MAX4431
1
+2
215
63
MAX4432
2
+1
180
37
MAX4433
2
+2
215
63
PART
TEMP. RANGE
PIN-PACKAGE
MAX4430EUK-T
-40
oC to +85oC
5 SOT23-5
MAX4430ESA
-40
oC to +85oC
8 SO


Similar Part No. - MAX4430ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4434 MAXIM-MAX4434 Datasheet
514Kb / 12P
Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
Rev 0; 10/01
MAX4434 MAXIM-MAX4434 Datasheet
506Kb / 12P
Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
Rev 0; 10/01
MAX4434 MAXIM-MAX4434 Datasheet
379Kb / 14P
Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
Rev 1; 12/08
MAX4434ESA MAXIM-MAX4434ESA Datasheet
514Kb / 12P
Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
Rev 0; 10/01
MAX4434ESA MAXIM-MAX4434ESA Datasheet
506Kb / 12P
Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
Rev 0; 10/01
More results

Similar Description - MAX4430ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4108 MAXIM-MAX4108 Datasheet
177Kb / 12P
400MHz, Ultra-Low-Distortion Op Amps
19-0461; Rev 2; 4/97
MAX4265 MAXIM-MAX4265 Datasheet
361Kb / 16P
Ultra-Low-Distortion, Single-Supply, 300MHz Op Amps with Enable
19-1552; Rev 0; 10/99
MAX4435 MAXIM-MAX4435 Datasheet
514Kb / 12P
Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
Rev 0; 10/01
MAX4434 MAXIM-MAX4434 Datasheet
506Kb / 12P
Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
Rev 0; 10/01
logo
Linear Technology
LT1809 LINER-LT1809_1 Datasheet
269Kb / 24P
Single/Dual 180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amps
logo
Maxim Integrated Produc...
MAX4434 MAXIM-MAX4434_08 Datasheet
379Kb / 14P
Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
Rev 1; 12/08
logo
Linear Technology
LT1809 LINER-LT1809_15 Datasheet
299Kb / 24P
Single/Dual 180MHz, 350V/s Rail-to-Rail Input and Output Low Distortion Op Amps
LT1810 LINER-LT1810_15 Datasheet
299Kb / 24P
Single/Dual 180MHz, 350V/s Rail-to-Rail Input and Output Low Distortion Op Amps
logo
Maxim Integrated Produc...
MAX44206 MAXIM-MAX44206 Datasheet
1Mb / 29P
180MHz, Low-Noise, Low-Distortion, Fully Differential Op Amp/ADC Driver
19-7446; Rev 0; 11/14
MAX4434 MAXIM-MAX4434_V01 Datasheet
2Mb / 12P
Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com