Electronic Components Datasheet Search
  English  ▼

X  

S1DF Datasheet(PDF) 1 Page - YENYO TECHNOLOGY Co., Ltd

Part # S1DF
Description  1.0A General Purpose Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YENYO [YENYO TECHNOLOGY Co., Ltd]
Direct Link  http://www.yenyo.com.tw
Logo YENYO - YENYO TECHNOLOGY Co., Ltd

S1DF Datasheet(HTML) 1 Page - YENYO TECHNOLOGY Co., Ltd

  S1DF Datasheet HTML 1Page - YENYO TECHNOLOGY Co., Ltd S1DF Datasheet HTML 2Page - YENYO TECHNOLOGY Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
1/2
R2,JUL-15
S1AF THRU S1MF
1.0A General Purpose Rectifier 
YENYO
1. 封裝 Package  
封裝方式 Method: SMAF 
封裝尺寸 Dimension:  如圖示 
2. 產品特色  Features 
Low Forward voltage drop 
Easy pick and place 
High temperature soldering: 260℃/10 seconds at terminals 
Ultra thin profile package for space constrained utilization 
Package suitable for automated handling 
Glass passivated chip junction 
For surface mounted applications in order to optimize board space 
Lead‐free & halogen‐free parts, RoHS compliant  
3. 機械數據  Mechanical Data 
Epoxy: UL94V‐0 rated flame retardant 
Case: Molded Plastic 
Terminals: Solder plated solderable per MIL‐STD‐750 Method 2026 
Mounting position: Any 
Polarity: Color band denotes cathode end 
 
4. 極限值與電參數 Maximum Ratings & Electrical Characteristic 
Rating at 25
OC ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or 
inductive load. For capacitive load, derate current by 20%. 
 
PARAMETER 
Symbol
S1AF 
S1BF 
S1DF 
S1GF 
S1JF 
S1KF 
S1MF 
UNITS 
Repetitive Peak Reverse Voltage 
VRRM 
50 
100 
200 
400 
600 
800 
1000 
Volts 
RMS Voltage 
VRMS 
35 
70 
140 
280 
420 
560 
700 
Volts 
DC Blocking Voltage 
VR 
50 
100 
200 
400 
600 
800 
1000 
Volts 
Average Forward Current 
IF(AV) 
1.0 
Amps 
Peak Forward Surge Current :8.3ms single half 
sine‐wave superimposed on rated load 
IFSM 
30.0 
Amps 
Forward voltage at 1.0A 
VF 
1.1 
Volts 
DC Reverse Current 
DC blocking voltage  
IR 
3 
uA 
Typical thermal resistance, Junction to lead(Note 1) 
Junction to ambient (Note 1) 
RθJL 
RθJA 
20 
83 
OC/W 
Operating junction temperature and storage 
temperature range 
TJ, TSTG ‐55 to +150 
OC 
   
Notes: 
(1) Mounted on 48 cm
2 FR‐4 PCB. 
 
 
單位 Unit: millimeters
TJ=25
OC 


Similar Part No. - S1DF

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
S1DF CHENDA-S1DF Datasheet
646Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
S1DF YFWDIODE-S1DF Datasheet
119Kb / 3P
Surface MountGeneral Purpose Silicon Rectifiers
logo
Chongqing Pingwei Enter...
S1DF CHONGQING-S1DF Datasheet
177Kb / 1P
1.0AMP. GLASS PASSIVATED SURFACE MOUNT RECTIFIERS
logo
Guangdong Juxing Electr...
S1DF JUXING-S1DF Datasheet
639Kb / 3P
Surface Mount Standard Rectifiers
logo
Xian Semipower Electron...
S1DF SEMIPOWER-S1DF Datasheet
121Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
More results

Similar Description - S1DF

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
1N4001G TAITRON-1N4001G Datasheet
170Kb / 4P
1.0A GENERAL PURPOSE SILICON RECTIFIER
logo
Gulf Semiconductor
1N4001 GULFSEMI-1N4001 Datasheet
102Kb / 3P
GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
1N4001E GULFSEMI-1N4001E Datasheet
86Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
1N4007-E GULFSEMI-1N4007-E Datasheet
82Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.0A
RL101 GULFSEMI-RL101 Datasheet
745Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
logo
Naina Semiconductor ltd...
1N4007 NAINA-1N4007 Datasheet
106Kb / 2P
General Purpose Rectifier 1.0A
logo
Yangzhou yangjie electr...
GS3AB YANGJIE-GS3AB Datasheet
140Kb / 2P
General Purpose Rectifier
logo
Shenzhen Luguang Electr...
FM4001-M LUGUANG-FM4001-M Datasheet
171Kb / 2P
1.0A Surface Mount General Purpose Rectifiers
logo
WILLAS ELECTRONIC CORP
FM4001L WILLAS-FM4001L Datasheet
282Kb / 4P
1.0A GENERAL PURPOSE RECTIFIERS - 50V- 1000V
logo
YENYO TECHNOLOGY Co., L...
GS1000FL YENYO-GS1000FL Datasheet
234Kb / 2P
1.0A General Purpose Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com