Electronic Components Datasheet Search
  English  ▼

X  

S2DA Datasheet(PDF) 1 Page - YENYO TECHNOLOGY Co., Ltd

Part # S2DA
Description  Surface Mount Standard Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YENYO [YENYO TECHNOLOGY Co., Ltd]
Direct Link  http://www.yenyo.com.tw
Logo YENYO - YENYO TECHNOLOGY Co., Ltd

S2DA Datasheet(HTML) 1 Page - YENYO TECHNOLOGY Co., Ltd

  S2DA Datasheet HTML 1Page - YENYO TECHNOLOGY Co., Ltd S2DA Datasheet HTML 2Page - YENYO TECHNOLOGY Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
YENYO
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25oC ambient temperature unless otherwise specified.
NOTES :
-55 to +150
SMA/DO-214AC
S2AA THRU S2MA
Voltage Range 50 to 1000 V
Current 2.0 Ampere
Surface Mount Standard Rectifier
S2AA
S2BA
S2GA
S2DA
50
400
200
100
35
280
140
70
50
400
200
100
2.0
5.0
60
100
20
20
UNIT
V
V
V
V
A
A
uA
uA
oC
pF
oC/W
S2JA
600
420
600
S2KA
800
560
800
S2MA
1000
700
1000
1.1
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25oC
Typical junction Capacitance (Note 1)
Operating Junction and Storage
Current TA=110
oC
Half sine-wave superimposed on rated load
(JEDEC method)
@ 2.0 A
At Rated DC Blocking Voltage @TJ=125oC
Features
Low forward voltage drop
High current capability
Case: Molded plastic SMA/DO-214AC
High surge current capability
Weight: 0.064 gram
Polarity:Color band denotes cathode end
method 2026
Mounting position: Any
Terminals: Solderable per MIL-STD-750
Epoxy: UL 94V-0 rate flame retardant
Mechanical Data
Low reverse leakage current
Typical Thermal Resistance (Note 2)
R JA
Glass passivated chip
Dice size : 1.48mm
SYMBOL
PARAMTER
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
CJ
TJ,TSTG
Temperature Range
(1) Thermal Resistance junction to ambient.
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
1 / 2
R2, MAY-12
.157(4.00)
.181(4.60)
.006(.152)
.012(.305)
.098(2.50)
.114(2.90)
.055(1.40)
.062(1.60)
.078(2.00)
.096(2.44)
.188(4.80)
.208(5.28)
.030(0.76)
.060(1.52)
.002(.051)
.008(.203)


Similar Part No. - S2DA

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
S2DA SSE-S2DA Datasheet
16Kb / 1P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
S2DA DIODES-S2DA Datasheet
47Kb / 2P
1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16004 Rev. 7 - 2
logo
Won-Top Electronics
S2DA WTE-S2DA Datasheet
47Kb / 4P
2.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
Taiwan Semiconductor Co...
S2DA TSC-S2DA Datasheet
51Kb / 2P
1.5 AMPS. Surface Mount Rectifiers
S2DA TSC-S2DA Datasheet
133Kb / 2P
1.5 AMPS. Surface Mount Rectifiers
More results

Similar Description - S2DA

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
FM4001 PACELEADER-FM4001 Datasheet
121Kb / 2P
SURFACE MOUNT STANDARD RECOVERY RECTIFIER
FM4001-M PACELEADER-FM4001-M Datasheet
268Kb / 2P
SURFACE MOUNT STANDARD RECOVERY RECTIFIER
FM4001-MH PACELEADER-FM4001-MH Datasheet
269Kb / 2P
SURFACE MOUNT STANDARD RECOVERY RECTIFIER
S1AB PACELEADER-S1AB Datasheet
253Kb / 2P
SURFACE MOUNT STANDARD RECOVERY RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
S1A YENYO-S1A Datasheet
798Kb / 2P
Surface Mount Standard Rectifier
S2A YENYO-S2A Datasheet
658Kb / 2P
Surface Mount Standard Rectifier
S3A YENYO-S3A Datasheet
660Kb / 2P
Surface Mount Standard Rectifier
S3AB YENYO-S3AB Datasheet
673Kb / 2P
Surface Mount Standard Rectifier
S5A YENYO-S5A Datasheet
660Kb / 2P
Surface Mount Standard Rectifier
S15A YENYO-S15A Datasheet
655Kb / 2P
Surface Mount Standard Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com