Electronic Components Datasheet Search
  English  ▼

X  

MAX4432ESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4432ESA
Description  Dual-Supply, 180MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4432ESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4432ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4432ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4432ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4432ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4432ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4432ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4432ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4432ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4432ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Dual-Supply, 180MHz, 16-Bit Accurate,
Ultra-Low Distortion Op Amps
4
_______________________________________________________________________________________
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output “Glitch” Settling to
16-Bit (0.0015%)
5pF load; CL charged from 0 to 4V
24
ns
Output Overload Recovery Time
50% overdrive, settling to 10% accuracy
95
ns
AC Common-Mode Rejection
Ratio
f = 100kHz
-84
dB
AC Power-Supply Rejection Ratio
f = 100kHz
-77
dB
VOUT = 2Vp-p centered at 0V,
fC = 100kHz
-110
VOUT = 2Vp-p centered at 0V,
fC = 1MHz
-105
VOUT = 4Vp-p centered at 0V,
fC = 100kHz
-105
VOUT = 4Vp-p centered at 0V,
fC = 1MHz
-103
VOUT = 2Vp-p centered at 1V,
fC = 100kHz
-112
VOUT = 2Vp-p centered at 1V,
fC = 1MHz
-107
VOUT = 4Vp-p centered at 2V,
fC = 100kHz
-106
VOUT = 4Vp-p centered at 2V,
fC = 1MHz
-100
VOUT = 4Vp-p centered at 2V,
fC = 1MHz (RL = 1k
Ω)
-99
Spurious-Free
Dynamic Range
SFDR
VOUT = 4Vp-p centered at 2V,
fC = 1MHz (RL = 10k
Ω)
-100
dBc
Input Noise Voltage Density
en
f = 100kHz
2.8
nV/
√Hz
Input Noise Current Density
in
f = 100kHz
1.8
pA/
√Hz
Input Capacitance
CIN
2.5
pF
Maximum Capacitive Load
Without Sustained Oscillations
47
pF
Output Impedance
ZOUT
f = 1MHz
0.2
Ω
Crosstalk
MAX4432/MAX4433 fC = 1MHz
-125
dB
AC ELECTRICAL CHARACTERISTICS (continued)
(VCC = +5V, VEE = -5V, RL = 500
Ω, VCM = 0, AVCL = +1, TA = +25°C, unless otherwise noted.)
Note 2: All devices are 100% production tested at TA = +25°C. All temperature limits are guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com