Electronic Components Datasheet Search
  English  ▼

X  

MAX4460ESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4460ESA
Description  SOT23, 3V/5V, Single-Supply, Rail-to-Rail Instrumentation Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4460ESA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4460ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4460ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4460ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4460ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4460ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4460ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4460ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4460ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4460ESA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
SOT23, 3V/5V, Single-Supply, Rail-to-Rail
Instrumentation Amplifiers
6
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—MAX4462 (continued)
(VDD = 5V, VSS = 0V, VCM = VREF = VDD/2, RL = 100k
Ω to VDD/2, TA = +25°C, unless otherwise noted. VDIFF = VIN+ - VIN- = -100mV
to +100mV for G = 1 and G = 10, -20mV to +20mV for G = 100.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum Capacitive Load
CL
No sustained oscillations
100
pF
G = 1V/V, MAX4462U
2500
G = 10V/V, MAX4462T
250
-3dB Bandwidth
BW-3dB
CL = 100pF
G = 100V/V, MAX4462H
25
kHz
Gain-Bandwidth Product
GBWP
CL = 100pF
2.5
MHz
G = 1V/V, MAX4462U
0.5
G = 10V/V, MAX4462T
0.5
Slew Rate
SR
CL = 100pF
G = 100V/V, MAX4462H
0.25
V/µs
G = 1V/V, MAX4462U
15
G = 10V/V, MAX4462T
75
Settling Time
tS
CL = 100pF,
within 0.1% of
final value
G = 100V/V, MAX4462H
250
µs
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VDD
Guaranteed by PSRR test
2.85
5.25
V
VDD = 5V, VDIFF = 0V
1.4
Supply Current
VDD = 3V, VDIFF = 0V
1.15
mA
TA = 0°C to +85°C
±500
MAX4462_ESA
TA = -40°C to +85°C
±750
TA = 0°C to +85°C
±1100
Input Offset Voltage (Note 1)
VOS
MAX4462_EUT
TA = -40°C to +85°C
±1300
µV
Input Offset Voltage Drift
TCVOS
(Note 1)
1.5
µV/°C
Input Common-Mode Range
VCM
Guaranteed by input CMRR test
VSS -
0.1
VDD -
1.85
V
REF Input Range
Guaranteed by REF rejection test
VSS +
0.1
VDD -
1.85
V
Input Common-Mode
Rejection Ratio
CMRR
VCM = (VSS - 0.1V) to (VDD - 1.85V)
80
dB
REF Input Rejection Ratio
VCM = (VSS + 0.1V) to (VDD - 1.85V)
75
dB
Power-Supply Rejection Ratio
PSRR
VDD = 2.85V to 5.25V
75
dB
Input Bias Current
IB
(Note 2)
100
pA
ELECTRICAL CHARACTERISTICS—MAX4462
(VDD = 5V, VSS = 0V, VCM = VREF = VDD/2, RL = 100k
Ω to VDD/2, TA = TMIN to TMAX, unless otherwise noted. VDIFF =
VIN+ - VIN- = -100mV to +100mV for G = 1 and G = 10, -20mV to +20mV for G = 100.) (Note 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com