Electronic Components Datasheet Search
  English  ▼

X  

SS1040FL Datasheet(PDF) 1 Page - YENYO TECHNOLOGY Co., Ltd

Part # SS1040FL
Description  1.0A Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YENYO [YENYO TECHNOLOGY Co., Ltd]
Direct Link  http://www.yenyo.com.tw
Logo YENYO - YENYO TECHNOLOGY Co., Ltd

SS1040FL Datasheet(HTML) 1 Page - YENYO TECHNOLOGY Co., Ltd

  SS1040FL Datasheet HTML 1Page - YENYO TECHNOLOGY Co., Ltd SS1040FL Datasheet HTML 2Page - YENYO TECHNOLOGY Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
1/2
R1,MAY-15
SS1020FL THRU SS10100FL 
1.0A Schottky Barrier Rectifier 
YENYO
1. 封裝 Package  
封裝方式 Method: SOD‐123S 
封裝尺寸 Dimension:  如圖示 
2. 產品特色  Features 
Fast switching speed 
Surface mount package ideally suited for automatic insertion 
Low power loss, high efficiency 
Lead‐free & halogen‐free parts, RoHS compliant  
3. 機械數據  Mechanical Data 
Epoxy: UL94V‐0 rated flame retardant 
Case: Molded Plastic 
Terminals: Solder plated solderable per MIL‐STD‐750 Method 2026 
Mounting position: Any 
Polarity: Color band denotes cathode end 
Weight: approx.. 0.0173 grams 
 
4. 極限值與電參數 Maximum Ratings & Electrical Characteristic 
 
PARAMETER 
Symbol 
SS1020FL 
SS1040FL 
SS1060FL 
SS10100FL 
UNITS 
Marking Code 
‐ 
G2 
G4 
G6 
G10 ‐ 
Reverse Voltage 
VR 
20 
40 
60 
100 
Volts 
Peak Reverse Voltage 
VRRM 
20 
40 
60 
100 
Volts 
Average Rectified Current TA=75
 OC 
IF(AV) 
1.0 
Amps 
Non‐repetitive Peak Forward Surge 
Current at t=8.3ms  
IFSM 
40.0 
Amps 
Max. Forward Voltage at 1.0A 
VF 
0.55 
0.70 
0.85 
Volts 
Reverse Leakage Current at VRRM   
IR 
50 
30 
ìA 
Typical Thermal Resistance, Junction 
to Ambient(Note 1) 
RÈJA 
88 
OC/W 
Operating Junction and Storage 
Temperature range 
TJ, TSTG 
‐55 ~ +125 
OC 
 
  
Notes: 
(1) Mounted with minimum recommended pas size, PC Board FR4. 
(2) TA=25
 OC unless otherwise specified. 
 
 
 
 
 
單位 Unit: millimeters


Similar Part No. - SS1040FL

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SS1040FL WTE-SS1040FL Datasheet
52Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
SS1040FL PANJIT-SS1040FL Datasheet
119Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SS1040FL PANJIT-SS1040FL Datasheet
134Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
SS1040FL PANJIT-SS1040FL Datasheet
97Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
SS1040FL TAYCHIPST-SS1040FL Datasheet
2Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SS1040FL

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
1N5817 WTE-1N5817 Datasheet
36Kb / 3P
1.0A SCHOTTKY BARRIER RECTIFIER
SB120 WTE-SB120 Datasheet
50Kb / 3P
1.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
1N5817 DIODES-1N5817 Datasheet
44Kb / 2P
1.0A SCHOTTKY BARRIER RECTIFIER
DS23001 Rev. 6 - 2
SB120 DIODES-SB120 Datasheet
74Kb / 3P
1.0A SCHOTTKY BARRIER RECTIFIER
DS23022 Rev. 4 - 2
1N5817 DIODES-1N5817_1 Datasheet
68Kb / 3P
1.0A SCHOTTKY BARRIER RECTIFIER
DS23001 Rev. 8 - 2
logo
Unisonic Technologies
MBR145 UTC-MBR145 Datasheet
148Kb / 3P
1.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB120 DIODES-SB120_15 Datasheet
87Kb / 3P
1.0A SCHOTTKY BARRIER RECTIFIER
Rev erse
1N5817 DIODES-1N5817_15 Datasheet
46Kb / 3P
1.0A SCHOTTKY BARRIER RECTIFIER
Rev erse
logo
Zibo Seno Electronic En...
1N5817 ZSELEC-1N5817 Datasheet
104Kb / 2P
1.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
B150AE DIODES-B150AE Datasheet
438Kb / 6P
1.0A SCHOTTKY BARRIER RECTIFIER
January 2020 Rev. 4 - 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com