Electronic Components Datasheet Search
  English  ▼

X  

MAX4473ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4473ESA
Description  Low-Cost, Low-Voltage, PA Power Control Amplifier for GSM Applications in 8-Pin 關MAX
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4473ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4473ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4473ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4473ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4473ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4473ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4473ESA Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
General Description
The MAX4473 PA power control IC is intended for
closed-loop bias control of GSM power amplifiers. The
device facilitates accurate control of the current deliv-
ered to the power amplifier (PA) via a control voltage.
The error amplifier senses the voltage drop across an
external current-sense resistor placed between the
supply and the PA. The output of the error amplifier
adjusts the PA gain until the current is proportional to
the power control voltage applied to the MAX4473. This
unique topology is useful in time-division-multiple-
access (TDMA) systems, such as GSM, where accurate
transmit burst shaping and power control is required.
User-selectable current sensing and gain setting resis-
tors maximize flexibility.
The MAX4473 operates from a single +2.7V to +6.5V
supply and typically draws 1.2mA of supply current.
The error amplifier has a common-mode range that
extends from +1V to VCC. The power control input and
error amplifier outputs swing Rail-to-Rail®. A low-power
shutdown mode reduces supply current to less than
1µA and activates an on-board active pull-down at the
error amplifier output. Fast enable/disable times of
0.9µs reduce average power consumption without com-
promising dynamic performance. The MAX4473 is
available in a space-saving 8-pin µMAX package.
Applications
GSM Cellular Phones
Cordless Phones
Precision Current Control
High-Frequency Servo Loops
Features
o Optimized for GSM Timing Requirements
o +2.7V to +6.5V Single-Supply Operation
o 1.2mA Supply Current
o
≤1µA Supply Current in Shutdown Mode
o Guaranteed 1.5µs Enable/Disable Times
o Active Output Pull-Down in Shutdown Mode
o Rail-to-Rail Error Amplifier Output
o Rail-to-Rail Power Control Input
o Output Drive Capability—500
Ω and 300pF Loads
o +1V to VCC Current Sense Input Common-Mode
Voltage Range
o No Phase-Reversal for Common-Mode Voltage
from 0 to VCC
o External Current Sensing and Gain Setting
Resistors Maximize Flexibility
o Available in a Space-Saving 8-pin µMAX
Low-Cost, Low-Voltage, PA Power Control
Amplifier for GSM Applications in 8-Pin µMAX
________________________________________________________________
Maxim Integrated Products
1
GND
PC
0.1
µF
8
7
R
3R
A3
PA
GC
IN
RFIN
4
3 SHDN
BUFFER
5
6
A2
Q1
A1
12
SR1
SR2
SR3
RG3
OUT
V-TO-I
CONVERTER
ERROR
AMPLIFIER
VCC
VCC
VCC
RSENSE
RG1
RG2
ICCPA
MAX4473
4 · RG3 · RSENSE
VPC · RG1
ICCPA =
Typical Operating Circuit
19-1448; Rev 0; 3/99
PART
MAX4473EUA
MAX4473ESA
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
8 µMAX
8 SO
Pin Configuration appears at end of data sheet.
Ordering Information
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.


Similar Part No. - MAX4473ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4473ESA MAXIM-MAX4473ESA Datasheet
197Kb / 9P
Low-Cost, Low-Voltage, PA Power Control Amplifier for GSM Applications
Rev 4; 11/08
More results

Similar Description - MAX4473ESA

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S13MD01 SHARP-S13MD01 Datasheet
55Kb / 4P
8-pin DIP Type SSR for Low Power Control
S16MD01 SHARP-S16MD01 Datasheet
66Kb / 4P
8-Pin DIP Type SSR for Low Power Control
logo
Maxim Integrated Produc...
MAX5304 MAXIM-MAX5304 Datasheet
405Kb / 12P
10-Bit Voltage-Output DAC in 8-Pin 關MAX
Rev 0; 10/99
MAX5354 MAXIM-MAX5354 Datasheet
196Kb / 16P
10-Bit Voltage-Output DACs in 8-Pin 關MAX
Rev 1; 2/97
MAX881R MAXIM-MAX881R Datasheet
111Kb / 8P
Low-Noise Bias Supply in 關MAX with Power-OK for GaAsFET PA
Rev 1; 6/98
logo
Sharp Corporation
PR29MF11NSZ SHARP-PR29MF11NSZ Datasheet
65Kb / 6P
8-Pin DIP Type SSR for Low Power Control
logo
Maxim Integrated Produc...
MAX550B MAXIM-MAX550B Datasheet
106Kb / 12P
Low-Power, 2.5V to 5.5V, 8-Bit Voltage-Output DAC in 關MAX
Rev 0; 9/96
MAX4473 MAXIM-MAX4473_08 Datasheet
197Kb / 9P
Low-Cost, Low-Voltage, PA Power Control Amplifier for GSM Applications
Rev 4; 11/08
logo
rfsolutions.ltd
GSM-T35I RFSOLUTIONS-GSM-T35I Datasheet
900Kb / 10P
LOW COST GSM MODEM
logo
NXP Semiconductors
MBC13706 NXP-MBC13706 Datasheet
261Kb / 4P
GSM Low Noise Amplifier with Gain Control
Rev 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com