Electronic Components Datasheet Search
  English  ▼

X  

MAX4483ASD Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4483ASD
Description  Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4483ASD Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4483ASD Datasheet HTML 4Page - Maxim Integrated Products MAX4483ASD Datasheet HTML 5Page - Maxim Integrated Products MAX4483ASD Datasheet HTML 6Page - Maxim Integrated Products MAX4483ASD Datasheet HTML 7Page - Maxim Integrated Products MAX4483ASD Datasheet HTML 8Page - Maxim Integrated Products MAX4483ASD Datasheet HTML 9Page - Maxim Integrated Products MAX4483ASD Datasheet HTML 10Page - Maxim Integrated Products MAX4483ASD Datasheet HTML 11Page - Maxim Integrated Products MAX4483ASD Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Single/Dual/Quad, Low-Cost, Single-Supply,
Rail-to-Rail Op Amps with Shutdown
8
_______________________________________________________________________________________
circuit’s response by isolating the load capacitance
from the op amp’s output.
Applications Information
Shutdown Mode
The MAX4481 features a low-power shutdown mode.
When SHDN goes low, the supply current drops to
0.05µA (typ) and the output enters a high-impedance
state. Pull SHDN high to enable the amplifier. Do not
leave SHDN floating. Figure 4 shows the shutdown
waveform.
Power-Up
The MAX4480–MAX4483 outputs typically settle within
50µs after power-up. Figure 5 shows the output voltage
on power-up and power-down.
Power Supplies and Layout
The MAX4480–MAX4483 operate from a single +2.5V to
+5.5V power supply. Bypass the power supply with a
0.1µF capacitor to ground.
Good layout techniques optimize performance by
decreasing the amount of stray capacitance at the op
amp’s inputs and outputs. To decrease stray capaci-
tance, minimize trace lengths by placing external com-
ponents close to the op amp’s pins.
Chip Information
MAX4480/MAX4481 TRANSISTOR COUNT: 111
MAX4482 TRANSISTOR COUNT: 209
MAX4483 TRANSISTOR COUNT: 407
20
µs/div
50mV/div
CL = 1nF
RISO
CL
MAX4480
MAX4481
MAX4482
MAX4483
Figure 3. Capacitive-Load-Driving Circuit
400
µs/div
2V/div
RL = 10M
Ω TO VSS, CL = 25pF
Figure 4. Shutdown Waveform
4µs/div
OUT
1V/div
VDD
2V/div
Figure 5. Power-Up/Down Waveform
Figure 2. Small-Signal Transient Response with Excessive
Capacitive Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com