Electronic Components Datasheet Search
  English  ▼

X  

MAX4506ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4506ESA
Description  Fault-Protected, High-Voltage Signal-Line Protectors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4506ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4506ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4506ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4506ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4506ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4506ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4506ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4506ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4506ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4506ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
µA
Fault-Protected, High-Voltage
Signal-Line Protectors
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—Single Supply
(V+ = +12V, V- = -0V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 3)
ELECTRICAL CHARACTERISTICS —Dual Supplies (continued)
(V+ = +15V, V- = -15V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 3)
MAX4506
MAX4507
-20
0.2
20
-400
-300
MAX4506
MAX4507
400
-250
-160
Power-Supply Current
300
-200
160
250
200
175
-175
µA
90
150
-150
-90
I-
I+
VIN_ = +15V
M
C, E
+25°C
M
C, E
+25°C
nA
-500
500
C, E
+25°C
VIN_= ±40V, VOUT_ = open,
V+ = 0, V- = 0
IIN_
Input Signal-Path Leakage
Current, Supplies Off
-10
10
M
µA
13
19
26
mA
-26
-19
-13
+25°C
+25°C
VIN_= +25V
IOUT_
Output Clamp Current,
Supplies On
0.5
1.0
k
Ω
0.4
1.0
+25°C
+25°C
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
IOUT = 1mA
ROUT_
Output Clamp Resistance,
Supplies On
VIN_= -25V
VIN_= +25V
VIN_= -25V
±8
±18
C, E, M
+25°C
ns
± Fault Output Turn-On Delay
Time (Note 5)
RL = 10kΩ, VIN_ = ±25V
Power-Supply Range
CONDITIONS
V+, V-
M
C, E
+25°C
M
C, E
+25°C
TA
2.5
V
10
µs
+25°C
± Fault Recovery Time (Note 5)
RL = 10kΩ, VIN_ = ±25V
125
200
RON
V
0V+
VIN_
Fault-Free Analog Signal Range
(Note 4)
20
∆R
ON
Signal-Path Resistance Match
(Note 6)
15
Ω
312
250
Ω
300
Analog Signal-Path Resistance
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
V+ = +12V, V- = 0
VIN_ = +12V
VIN_ = +10V, IOUT_ = 1mA
VIN_ = +10V, IOUT_ = 1mA
CONDITIONS
+25°C
C, E, M
M
C, E
+25°C
C, E
M
TA
POWER SUPPLY
-400
400
IOUT_(ON)
Signal-Path Leakage Current
(Note 7)
-20
20
nA
-0.5
0.05
0.5
VIN = +10V or floating
M
C, E
+25°C
ANALOG SWITCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com