Electronic Components Datasheet Search
  English  ▼

X  

MAX4503C/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4503C/D
Description  Low-Voltage, Dual-Supply, SPST, CMOS Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4503C/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4503C/D Datasheet HTML 1Page - Maxim Integrated Products MAX4503C/D Datasheet HTML 2Page - Maxim Integrated Products MAX4503C/D Datasheet HTML 3Page - Maxim Integrated Products MAX4503C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4503C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4503C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4503C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4503C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4503C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Low-Voltage, Dual-Supply, SPST,
CMOS Analog Switches
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—±3V Supply
(V+ = +2.7V to +3.3V, V- = -2.7V to -3.3V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.)
IN Input Logic High
VINH
2.4
V+
V
IN Input Logic Low
VINL
V-
(V+) - 2.3
V
IN Input Current Logic High
or Low
IIH, IIL
-1
0.03
1
µA
CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
(Note 2)
UNITS
COM On Leakage Current
(Notes 3, 4)
ICOM(ON)
-2
2
nA
COM Off Leakage Current
(Notes 3, 4)
ICOM(OFF)
-1
1
nA
NO or NC Off Leakage
Current (Notes 3, 4)
INO(OFF),
INC(OFF)
-1
1
nA
Analog Signal Range
VCOM, VNO,
VNC
0V+
V
COM to NO or NC
On-Resistance
RON
100
400
Ω
TA = +25°C
TA = +25°C
VNO or VNC = ±1.5V,
VCOM_ = ±1.5V,
V+ = 3.3V, V- = -3.3V
VCOM_ = ±1.5V,
VNO or VNC =
_
+1.5V,
V+ = 3.3V, V- = -3.3V
VCOM_ = ±1.5V,
VNO or VNC =
_
+1.5V,
V+ = 3.3V, V- = -3.3V
VCOM_ = 1.5V, ICOM = 0.1mA
TA = +25°C
V+, V- Supply Current
I+, I-
IN = 0V or V+
TA = +25°C
-100
25
100
µA
Note 2: The algebraic convention is used in this data sheet; the most negative value is shown in the minimum column.
Note 4: Guaranteed, not production tested.
Note 3: Leakage parameters are 100% tested at maximum rated hot operating temperature, and guaranteed by correlation at +25°C.
Note 5: SOT packaged parts are 100% tested at +25°C. Limits at maximum and minimum rated temperature are guaranteed by
design and correlation limits at +25°C.
TA = TMIN to TMAX
500
-100
100
-10
10
TA = TMIN
to TMAX
-100
100
-10
10
TA = TMIN
to TMAX
-200
200
-20
20
TA = TMIN to TMAX
-175
175
ANALOG SWITCH
DIGITAL I/O
POWER SUPPLY
TA = +25°C
TA = TMIN
to TMAX
C, E
M
C, E
M
C, E
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com