Electronic Components Datasheet Search
  English  ▼

X  

MAX4511C/D Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX4511C/D
Description  Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4511C/D Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX4511C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 9Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 10Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 11Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 12Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 13Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 14Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 15Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Quad, Rail-to-Rail, Fault-Protected,
SPST Analog Switches
12
______________________________________________________________________________________
0V
V+
VIN_
∆ VOUT IS THE MEASURED VOLTAGE DUE TO CHARGE-
TRANSFER ERROR Q WHEN THE CHANNEL TURNS OFF.
∆ VOUT
V- IS CONNECTED TO GND (0V) FOR SINGLE-SUPPLY OPERATION.
Q =
∆ VOUT x CL
VOUT
V+
VOUT
VIN_
GND
V+
V-
V-
IN_
NO_ OR NC_
COM_
MAX4511
MAX4512
MAX4513
50
Ω
CL
1000pF
Figure 4. Charge Injection
V- IS CONNECTED TO GND (0V) FOR SINGLE-SUPPLY OPERATION.
V+
V+
GND
V+
V-
V-
IN_
NO_
COM_
MAX4511
MAX4512
MAX4513
NC_
ADDRESS SELECT
1MHz
CAPACITANCE
ANALYZER
Figure 5. COM_, NO_, NC_ Capacitance
Test Circuits/Timing Diagrams (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com