Electronic Components Datasheet Search
  English  ▼

X  

MAX4516 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4516
Description  Dual-Supply, Low-On-Resistance, SPST, CMOS Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4516 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4516 Datasheet HTML 1Page - Maxim Integrated Products MAX4516 Datasheet HTML 2Page - Maxim Integrated Products MAX4516 Datasheet HTML 3Page - Maxim Integrated Products MAX4516 Datasheet HTML 4Page - Maxim Integrated Products MAX4516 Datasheet HTML 5Page - Maxim Integrated Products MAX4516 Datasheet HTML 6Page - Maxim Integrated Products MAX4516 Datasheet HTML 7Page - Maxim Integrated Products MAX4516 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Dual-Supply, Low-On-Resistance,
SPST, CMOS Analog Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—±5V Supply
(V+ = +4.5V to +5.5V, V- = -4.5V to -5.5V, VINH = 3.5V, VINL = 1.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are
at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(Voltages Referenced to V-)
V+ ..............................................................................-0.3V, +13V
Voltage into Any Terminal (Note 1)
or ±20mA (whichever occurs first) ..........-0.3V to (V+ + 0.3V)
Continuous Current into Any Terminal..............................±20mA
Peak Current, NO, NC, or COM_
(pulsed at 1ms, 10% duty cycle)..................................±30mA
ESD per Method 3015.7 ..................................................>2000V
Continuous Power Dissipation (TA = +70°C)
8-Pin Plastic DIP (derate 9.09mW/°C above +70°C) ...727mW
8-Pin SO (derate 5.88mW/°C above +70°C)................471mW
5-Pin SOT23-5 (derate 7.1mW/°C above +70°C) ........571mW
8-Pin CERDIP (derate 8.00mW/°C above +70°C)........640mW
Operating Temperature Ranges
MAX4516C_ _/MAX4517_ _ ................................0°C to +70°C
MAX4516E_ _/MAX4517E_ _ ...........................-40°C to +85°C
MAX4516MJA/MAX4517MJA ........................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
Note 1:
Voltages exceeding V+ or V- on any signal terminal are clamped by internal diodes. Limit forward-diode current to
maximum current rating.
V+ = 5V, V- = -5V,
VNO or VNC = 3V,
ICOM = 1mA
Ω
25
RON
10
20
M
COM to NO or NC
On-Resistance
V+ = 5.5V, V- = 5.5V,
VCOM = ±4.5V,
VNO or VNC =
4.5V
nA
C, E
-100
100
INO(OFF)
INC(OFF)
NO or NC Off-Leakage
Current (Note 3)
CONDITIONS
M
-20
20
TA = +25°C
V+ = 5.5V, V- = -5.5V,
VCOM = ±4.5V,
VNO or VNC =
4.5V
-1
0.01
1
nA
TA = TMIN
to TMAX
C, E
VIN = V+, 0V
-100
100
µA
-0.5
0.03
0.5
IIH, IIL
Input Current Logic
High or Low
COM Off-Leakage Current
(Note 3)
-20
20
TA = +25°C
-1
0.01
1
TA = TMIN
to TMAX
ICOM(OFF)
M
V+ = 5.5V, V- = -5.5V,
VCOM = ±4.5V,
VNO or VNC = ±4.5V
nA
C, E
-200
200
COM On-Leakage Current
(Note 3)
-40
40
TA = +25°C
-2
0.01
2
TA = TMIN
to TMAX
ICOM(ON)
V
V-
V+ - 3.5V
VIL
V
V+ - 1.5V
V+
VIH
Input Logic High
Input Logic Low
TA = TMIN to TMAX
TA = +25°C
24
TA = +25°C
V
V-
V+
VCOM, VNO,
VNC
Analog Signal Range
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
Ω
6
RFLAT(ON)
COM to NO or NC
On-Resistance Flatness
TA = TMIN to TMAX
ANALOG SWITCH
DIGITAL I/O
V+ = 5V, V- = -5V;
VNO or VNC = 3V, 0V, -3V;
ICOM = 1mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com