Electronic Components Datasheet Search
  English  ▼

X  

IRH7130 Datasheet(PDF) 12 Page - International Rectifier

Part # IRH7130
Description  Simple Drive Requirements
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRH7130 Datasheet(HTML) 12 Page - International Rectifier

Back Button IRH7130 Datasheet HTML 4Page - International Rectifier IRH7130 Datasheet HTML 5Page - International Rectifier IRH7130 Datasheet HTML 6Page - International Rectifier IRH7130 Datasheet HTML 7Page - International Rectifier IRH7130 Datasheet HTML 8Page - International Rectifier IRH7130 Datasheet HTML 9Page - International Rectifier IRH7130 Datasheet HTML 10Page - International Rectifier IRH7130 Datasheet HTML 11Page - International Rectifier IRH7130 Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
www.irf.com
IRH7130
IRH7130
IRH7130
IRH7130
IRH7130
Pre-Irradiation
Pre-Irradiation
Pre-Irradiation
Pre-Irradiation
Pre-Irradiation
➃
Pulse width ≤ 300 µs; Duty Cycle ≤ 2%
➄
Total Dose Irradiation with V
Total Dose Irradiation with V
Total Dose Irradiation with V
Total Dose Irradiation with V
Total Dose Irradiation with VGS
GS
GS
GS
GS Bias.
Bias.
Bias.
Bias.
Bias.
12 volt VGS applied and VDS = 0 during
irradiation per MIL-STD-750, method 1019, condition A.
➅
Total Dose Irradiation with V
Total Dose Irradiation with V
Total Dose Irradiation with V
Total Dose Irradiation with V
Total Dose Irradiation with VDS
DS
DS
DS
DS Bias.
Bias.
Bias.
Bias.
Bias.
80 volt VDS applied and VGS = 0 during
irradiation per MlL-STD-750, method 1019, condition A.
➀
Repetitive Rating; Pulse width limited by
maximum junction temperature.
➁
VDD = 25V, starting TJ = 25°C, L=1.63mH
Peak IL = 14A, VGS =12V
➂
ISD ≤ 14A, di/dt ≤ 140A/µs,
VDD ≤ 100V, TJ ≤ 150°C
Foot Notes:
Foot Notes:
Foot Notes:
Foot Notes:
Foot Notes:
IR WORLD HEADQUARTERS:
IR WORLD HEADQUARTERS:
IR WORLD HEADQUARTERS:
IR WORLD HEADQUARTERS:
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.....
Data and specifications subject to change without notice. 08/01
Case Outline and Dimensions — TO-204AA
Case Outline and Dimensions — TO-204AA
Case Outline and Dimensions — TO-204AA
Case Outline and Dimensions — TO-204AA
Case Outline and Dimensions — TO-204AA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com