Electronic Components Datasheet Search
  English  ▼

X  

MAX4518CSD Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX4518CSD
Description  Precision, 4-Channel/Dual 2-Channel, Low-Voltage, CMOS Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4518CSD Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX4518CSD Datasheet HTML 4Page - Maxim Integrated Products MAX4518CSD Datasheet HTML 5Page - Maxim Integrated Products MAX4518CSD Datasheet HTML 6Page - Maxim Integrated Products MAX4518CSD Datasheet HTML 7Page - Maxim Integrated Products MAX4518CSD Datasheet HTML 8Page - Maxim Integrated Products MAX4518CSD Datasheet HTML 9Page - Maxim Integrated Products MAX4518CSD Datasheet HTML 10Page - Maxim Integrated Products MAX4518CSD Datasheet HTML 11Page - Maxim Integrated Products MAX4518CSD Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Precision, 4-Channel/Dual 2-Channel,
Low-Voltage, CMOS Analog Multiplexers
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
12 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 1998 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
_Ordering Information (continued)
* Contact factory for dice specifications.
** Contact factory for package availability.
__________________________________________________________Chip Topographies
PART
MAX4519CPD
MAX4519CSD
MAX4519CEE
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
14 Plastic DIP
14 SO
16 QSOP
MAX4519C/D
MAX4519EPD
0°C to +70°C
0°C to +70°C
Dice*
14 Plastic DIP
MAX4519ESD
MAX4519MJD
-55°C to +125°C
-40°C to +85°C
14 SO
14 CERDIP**
MAX4519EEE
-40°C to +85°C
16 QSOP
NO4
NO3
V+
NO1
NO2
0.063"
(1.6mm)
0.081"
(2.05mm)
COM N.C.
V-
EN
A0
A1 GND
MAX4518
NO2B
NO1B
V+
NO1A
NO2A
0.063"
(1.6mm)
0.081"
(2.05mm)
COMA
COMB
V-
EN
A0
A1 GND
MAX4519
TRANSISTOR COUNT: 86
SUBSTRATE CONNECTED TO V+
TRANSISTOR COUNT: 86
SUBSTRATE CONNECTED TO V+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com