Electronic Components Datasheet Search
  English  ▼

X  

MAX4514EPA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4514EPA
Description  Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4514EPA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4514EPA Datasheet HTML 1Page - Maxim Integrated Products MAX4514EPA Datasheet HTML 2Page - Maxim Integrated Products MAX4514EPA Datasheet HTML 3Page - Maxim Integrated Products MAX4514EPA Datasheet HTML 4Page - Maxim Integrated Products MAX4514EPA Datasheet HTML 5Page - Maxim Integrated Products MAX4514EPA Datasheet HTML 6Page - Maxim Integrated Products MAX4514EPA Datasheet HTML 7Page - Maxim Integrated Products MAX4514EPA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Low-Voltage, Low-On-Resistance,
SPST, CMOS Analog Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS— +5V Supply
(V+ = +4.5V to +5.5V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: Voltages exceeding V+ or GND on any signal terminal are clamped by internal diodes. Limit forward-diode current to
maximum current rating.
(Voltages Referenced to GND)
V+ ..............................................................................-0.3V, +13V
Voltage into Any Terminal (Note 1)...............-0.3V to (V+ + 0.3V)
or ±20mA (whichever occurs first)
Continuous Current into Any Terminal..............................±20mA
Peak Current, NO_ or COM_
(pulsed at 1ms,10% duty cycle)....................................±30mA
ESD per Method 3015.7 ..................................................>2000V
Continuous Power Dissipation (TA = +70°C)
8-Pin Plastic DIP (derate 9.09mW/°C above +70°C) ....727mW
8-Pin SO (derate 5.88mW/°C above +70°C).................471mW
5-Pin SOT23-5 (derate 7.1mW/°C above +70°C) .........571mW
8-Pin CERDIP (derate 8.00mW/°C above +70°C).........640mW
Operating Temperature Ranges
MAX4514C_ _/MAX4515C_ _ ..............................0°C to +70°C
MAX4514E_ _/MAX4515E_ _ ............................-40°C to +85°C
MAX4514MJA/MAX4515MJA .........................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
CONDITIONS
V
0V+
VCOM, VNO,
VNC
Analog Signal Range
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
V+ = 5V, VCOM = 3.5V,
ICOM = 1mA
Ω
25
RON
10
20
COM to NO or NC
On-Resistance
V+ = 5.5V,
VCOM = 1V,
VNO or VNC = 4.5V
nA
-100
100
INO(OFF)
INC(OFF)
NO or NC Off-Leakage
Current (Note 3)
-20
20
-1
0.01
1
VIN = V+, 0V
µA
-1
0.03
1
IIH, IIL
Input Current Logic High
or Low
V
0
0.8
VIL
V
2.4
V+
VIH
Input Logic High
Input Logic Low
TA = +25°C
TA = TMIN to TMAX
VCOM = 1V, 2V, 3V;
ICOM = 1mA
Ω
5
∆RON
13
COM to NO or NC
On-Resistance Flatness
TA = TMIN to TMAX
TA = +25°C
TA = +25°C
TA = TMIN
to TMAX
C, E
M
M
V+ = 5.5V,
VCOM = 1V,
VNO or VNC = 4.5V
nA
C, E
-100
100
COM Off-Leakage Current
(Note 3)
-20
20
TA = +25°C
-1
0.01
1
TA = TMIN
to TMAX
ICOM(OFF)
M
V+ = 5.5V,
VCOM = 4.5V,
VNO or VNC = 4.5V
nA
C, E
-200
200
COM On-Leakage Current
(Note 3)
-40
40
TA = +25°C
-2
0.01
2
TA = TMIN
to TMAX
ICOM(ON)
tON
Figure 2
30
150
ns
240
tOFF
Figure 2
20
100
ns
150
TA = +25°C
TA = TMIN to TMAX
ANALOG SWITCH
DIGITAL I/O
SWITCH DYNAMIC CHARACTERISTICS
Turn-On Time
Turn-Off Time
TA = +25°C
TA = TMIN to TMAX



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com