Electronic Components Datasheet Search
  English  ▼

X  

MAX4516C/D Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4516C/D
Description  Dual-Supply, Low-On-Resistance, SPST, CMOS Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4516C/D Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX4516C/D Datasheet HTML 1Page - Maxim Integrated Products MAX4516C/D Datasheet HTML 2Page - Maxim Integrated Products MAX4516C/D Datasheet HTML 3Page - Maxim Integrated Products MAX4516C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4516C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4516C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4516C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4516C/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Dual-Supply, Low-On-Resistance,
SPST, CMOS Analog Switches
_______________________________________________________________________________________
7
_________________________________Test Circuits/Timing Diagrams (continued)
MEASUREMENTS ARE STANDARDIZED AGAINST
SHORT AT SOCKET TERMINALS. OFF ISOLATION IS
MEASURED BETWEEN COM AND “OFF” TERMINAL
ON EACH SWITCH. ON LOSS IS MEASURED BETWEEN
COM AND “ON” TERMINAL ON EACH SWITCH. SIGNAL
DIRECTION THROUGH SWITCH IS REVERSED; WORST
VALUES ARE RECORDED.
V+
V+
VOUT
V-
V-
V+
IN
NO
or
NC
COM
VIN
MAX4516
MAX4517
OFF ISOLATION = 20log
VOUT
VIN
ON LOSS = 20log
VOUT
VIN
NETWORK
ANALYZER
50
Ω
50
Ω
50
Ω
50
Ω
MEAS
REF
10nF
Figure 3. Off Isolation, On Loss, and Crosstalk
V+
V-
V-
V+
IN
NO
or
NC
COM
MAX4516
MAX4517
1MHz
CAPACITANCE
ANALYZER
AS
REQUIRED
Figure 4. NO, NC, and COM Capacitance
_Ordering Information (continued)
*Contact factory for dice specifications.
**Contact factory for availability.
TRANSISTOR COUNT: 36
SUBSTRATE IS INTERNALLY CONNECTED TO V+
___________________Chip Topography
V-
0.043"
(1.09mm)
0.031"
(0.79mm)
COM
NO or NC
V+
IN
8 CERDIP**
-55°C to +125°C
MAX4517MJA
5 SOT23-5
-40°C to +85°C
MAX4517EUK
8 SO
-40°C to +85°C
MAX4517ESA
8 Plastic DIP
-40°C to +85°C
MAX4517EPA
Dice*
0°C to +70°C
MAX4517C/D
5 SOT23-5
8 SO
8 Plastic DIP
PIN-PACKAGE
TEMP. RANGE
-40°C to +85°C
0°C to +70°C
0°C to +70°C
MAX4517CUK
MAX4517CSA
MAX4516EPA
PART
8 CERDIP**
-55°C to +125°C
MAX4516MJA
5 SOT23-5
-40°C to +85°C
MAX4516EUK
8 Plastic DIP
0°C to +70°C
MAX4517CPA
8 SO
-40°C to +85°C
MAX4516ESA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com