Electronic Components Datasheet Search
  English  ▼

X  

MAX4518CEE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4518CEE
Description  Precision, 4-Channel/Dual 2-Channel, Low-Voltage, CMOS Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4518CEE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4518CEE Datasheet HTML 1Page - Maxim Integrated Products MAX4518CEE Datasheet HTML 2Page - Maxim Integrated Products MAX4518CEE Datasheet HTML 3Page - Maxim Integrated Products MAX4518CEE Datasheet HTML 4Page - Maxim Integrated Products MAX4518CEE Datasheet HTML 5Page - Maxim Integrated Products MAX4518CEE Datasheet HTML 6Page - Maxim Integrated Products MAX4518CEE Datasheet HTML 7Page - Maxim Integrated Products MAX4518CEE Datasheet HTML 8Page - Maxim Integrated Products MAX4518CEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
________________General Description
The MAX4518/MAX4519 precision, monolithic, CMOS
analog multiplexers (muxes) offer low on-resistance
(less than 100
Ω), which is matched to within 4Ω
between channels and remains flat over the specified
analog signal range (10
Ω max). They also offer low leak-
age over temperature (NO-off leakage current less than
2nA at +85°C) and fast switching speeds (transition time
less than 250ns). The MAX4518 is a 4-channel device,
and the MAX4519 is a dual 2-channel device.
The MAX4518/MAX4519 are fabricated with Maxim’s
low-voltage silicon-gate process. Design improvements
yield extremely low charge injection (less than 5pC) and
guarantee electrostatic discharge protection greater than
2000V.
These muxes operate with a single +2.7V to +15V supply
or with bipolar ±2.7V to ±8V supplies, while retaining
CMOS-logic input compatibility and fast switching. CMOS
inputs provide reduced input loading.
________________________Applications
Sample-and-Hold Circuits
Automatic Test Equipment
Heads-Up Displays
Guidance and Control Systems
Military Radios
Communications Systems
Battery-Operated Systems
PBX, PABX
Audio Signal Routing
Low-Voltage Data-Acquisition Systems
____________________________Features
o Guaranteed On-Resistance Match
Between Channels (<4
Ω )
o Low On-Resistance (<100
Ω )
o Guaranteed Flat On-Resistance over Signal
Range (<10
Ω)
o Guaranteed Low Charge Injection (<5pC)
o NO-Off Leakage Current <2nA at +85°C
o COM-Off Leakage Current <5nA at +85°C
o Electrostatic Discharge Protection >2000V
o Single-Supply Operation (+2.7V to +15V)
Bipolar-Supply Operation (±2.7V to ±8V)
o Low Power Consumption (<300µW)
o Rail-to-Rail Signal Handling
o TTL/CMOS-Logic Compatible
_______________Ordering Information
Ordering Information continued at end of data sheet.
* Contact factory for dice specifications.
** Contact factory for package availability.
Precision, 4-Channel/Dual 2-Channel,
Low-Voltage, CMOS Analog Multiplexers
________________________________________________________________
Maxim Integrated Products
1
TOP VIEW
N.C. = NOT INTERNALLY CONNECTED
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
A1
GND
V+
NO3
NO1
V-
EN
A0
MAX4518
NO4
N.C.
N.C.
N.C.
COM
N.C.
N.C.
NO2
QSOP
LOGIC
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
A1
GND
V+
NO1B
NO1A
V-
EN
A0
MAX4519
NO2B
N.C.
N.C.
COMB
COMA
N.C.
N.C.
NO2A
QSOP
LOGIC
__________________________________________________________Pin Configurations
PART
MAX4518CPD
MAX4518CSD
MAX4518CEE
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
14 Plastic DIP
14 SO
16 QSOP
MAX4518C/D
MAX4518EPD
0°C to +70°C
0°C to +70°C
Dice*
14 Plastic DIP
MAX4518ESD
MAX4518MJD
-55°C to +125°C
-40°C to +85°C
14 SO
14 CERDIP**
19-1070; Rev. 1; 5/98
MAX4518EEE
-40°C to +85°C
16 QSOP
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.


Similar Part No. - MAX4518CEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4510 MAXIM-MAX4510 Datasheet
156Kb / 12P
Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 10/99
MAX4510EUA MAXIM-MAX4510EUA Datasheet
156Kb / 12P
Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 10/99
MAX4510EUT-T MAXIM-MAX4510EUT-T Datasheet
156Kb / 12P
Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 10/99
MAX4511 MAXIM-MAX4511 Datasheet
310Kb / 16P
Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 6/98
MAX4511C/D MAXIM-MAX4511C/D Datasheet
310Kb / 16P
Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 6/98
More results

Similar Description - MAX4518CEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX308 MAXIM-MAX308 Datasheet
123Kb / 12P
Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 0; 7/94
MAX396 MAXIM-MAX396 Datasheet
120Kb / 12P
Precision, 16-Channel/Dual 8-Channel, Low-Voltage, CMOS Analog Multiplexers
Rev. 1; 9/96
MAX398 MAXIM-MAX398 Datasheet
101Kb / 12P
Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
Rev. 2; 7/96
logo
Vishay Siliconix
DG508B VISHAY-DG508B Datasheet
274Kb / 18P
Precision 8-Channel/Dual 4-Channel CMOS Analog Multiplexers
20-Dec-10
logo
Maxim Integrated Produc...
MAX308CUE MAXIM-MAX308CUE Datasheet
467Kb / 12P
Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
Rev 2; 8/02
MAX309EUE MAXIM-MAX309EUE Datasheet
467Kb / 12P
Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
Rev 2; 8/02
MAX308 MAXIM-MAX308_V01 Datasheet
467Kb / 12P
Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 2; 8/02
MAX396 MAXIM-MAX396_V01 Datasheet
1Mb / 14P
Precision, 16-Channel/Dual 8-Channel, Low-Voltage, CMOS Analog Multiplexers
2016
MAX398 MAXIM-MAX398_V01 Datasheet
564Kb / 20P
Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
2007
logo
Vishay Siliconix
DG508B VISHAY-DG508B_V01 Datasheet
371Kb / 21P
Precision 8-Channel / Dual 4-Channel CMOS Analog Multiplexers
15-Dec-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com