Electronic Components Datasheet Search
  English  ▼

X  

IRH7150 Datasheet(PDF) 2 Page - International Rectifier

Part # IRH7150
Description  Simple Drive Requirements
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRH7150 Datasheet(HTML) 2 Page - International Rectifier

  IRH7150 Datasheet HTML 1Page - International Rectifier IRH7150 Datasheet HTML 2Page - International Rectifier IRH7150 Datasheet HTML 3Page - International Rectifier IRH7150 Datasheet HTML 4Page - International Rectifier IRH7150 Datasheet HTML 5Page - International Rectifier IRH7150 Datasheet HTML 6Page - International Rectifier IRH7150 Datasheet HTML 7Page - International Rectifier IRH7150 Datasheet HTML 8Page - International Rectifier IRH7150 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
www.irf.com
IRH7150
Pre-Irradiation
Note: Corresponding Spice and Saber models are available on the G&S Website.
For footnotes refer to the last page
Source-Drain Diode Ratings and Characteristics
Parameter
Min Typ Max Units
Test Conditions
IS
Continuous Source Current (Body Diode)
—
—
34
ISM
Pulse Source Current (Body Diode) ➀
—
—
136
VSD
Diode Forward Voltage
—
—
1.4
V
Tj = 25°C, IS = 34A, VGS = 0V ➃
trr
Reverse Recovery Time
—
—
570
nS
Tj = 25°C, IF = 34A, di/dt ≥ 100A/µs
QRR Reverse Recovery Charge
—
—
5.8
µC
VDD ≤ 25V ➃
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A
Thermal Resistance
Parameter
Min Typ Max
Units
Test Conditions
RthJC
Junction-to-Case
—
—
0.83
RthJA
Junction-to-Ambient
—
—
30
°C/W
RthCS
Case-to-Sink
—
0.12
—
Typical socket mount
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min
Typ Max Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
100
—
—
V
VGS = 0V, ID = 1.0mA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown
—
0.13
—
V/°C
Reference to 25°C, ID = 1.0mA
Voltage
RDS(on)
Static Drain-to-Source On-State
—
—
0.065
Ω
VGS = 12V, ID = 21A
Resistance
—
—
0.076
VGS = 12V, ID = 34A
VGS(th)
Gate Threshold Voltage
2.0
—
4.0
V
VDS = VGS, ID = 1.0mA
gfs
Forward Transconductance
8.0
—
—
S ( )VDS > 15V, IDS = 21A ➃
IDSS
Zero Gate Voltage Drain Current
—
—
25
VDS= 80V ,VGS=0V
—
—
250
VDS = 80V,
VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Leakage Forward
—
—
100
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
—
—
-100
VGS = -20V
Qg
Total Gate Charge
—
—
160
VGS =12V, ID = 34A
Qgs
Gate-to-Source Charge
—
—
35
nC
VDS = 50V
Qgd
Gate-to-Drain (‘Miller’) Charge
—
—
65
td(on)
Turn-On Delay Time
—
—
45
VDD = 50V, ID = 34A
tr
Rise Time
—
—
190
VGS =12V, RG = 2.35Ω
td(off)
Turn-Off Delay Time
—
—
170
tf
Fall Time
—
—
130
LS + LD
Total Inductance
—
10
—
Measured from Drain lead (6mm /0.25in.
from package) to Source lead (6mm /0.25in.
from package) with Source wires internally
bonded from Source Pin to Drain Pad
Ciss
Input Capacitance
—
4300
—
VGS = 0V, VDS = -25V
Coss
Output Capacitance
—
1200
—
pF
f = 1.0MHz
Crss
Reverse Transfer Capacitance
—
200
—
nA
➃
nH
ns
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com