Electronic Components Datasheet Search
  English  ▼

X  

MAX4526C/D Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4526C/D
Description  Phase-Reversal Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4526C/D Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4526C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4526C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4526C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4526C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4526C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4526C/D Datasheet HTML 9Page - Maxim Integrated Products MAX4526C/D Datasheet HTML 10Page - Maxim Integrated Products MAX4526C/D Datasheet HTML 11Page - Maxim Integrated Products MAX4526C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Single Supply
The MAX4526/MAX4527 operate from a single supply
between +4.5V and +36V when V- is connected to
GND. Observe all of the bipolar precautions when
operating from a single supply.
__________Applications Information
The MAX4526/MAX4527 are designed for DC and
low-frequency-signal phase-reversal applications. Both
DC and AC symmetry are optimized for use with ±15V
supplies.
Signal Phase/Polarity Reversal
The MAX4526/MAX4527 can reverse the phase or
polarity of a pair of signals that are out-of-phase and
balanced to ground. This is done by routing signals
through the MAX4526/MAX4527 and under control of
the IN pin, reversing the two signals paths inside the
switch before sending out to a balanced output. Figure
1 shows a typical example. The MAX4526/MAX4527
cannot reverse the phase or polarity of a single-
grounded signal, as can be done with an inverting
op amp or transformer.
Balanced Modulators/Demodulators
The MAX4526/MAX4527 can be used as a balanced
modulator/demodulator at carrier frequencies up to
100kHz (Figure 2). Higher frequencies are possible, but
as frequency increases, small imbalances in the
MAX4526/MAX4527’s internal capacitance and resis-
tance gradually impair performance. Similarly, imbal-
ances in external circuit capacitance and resistance to
GND reduce overall carrier suppression.
The carrier is applied as a logic-level square wave to
IN. (Note that this voltage can go as negative as V-.)
For best carrier suppression, the power-supply volt-
ages should be equal, the square wave should have a
precise 50% duty cycle, and both the input and output
signals should be symmetrical about ground. Bypass
V+ and V- to GND with 0.1µF ceramic capacitors, as
close to the IC pins as possible. Since the logic-level
translator/driver in the MAX4526 is faster than the one
in the MAX4527, it gives better results at higher
frequencies. In critical applications, carrier suppression
can be optimized by trimming duty cycle, DC bias
around GND, or external source and load capacitance.
In signal lines, balancing both capacitance and resis-
tance to GND produces the best carrier suppression.
Transformer coupling of input and output signals
provides the best isolation and carrier suppression.
Transformers can also provide signal filtering, imped-
ance matching, or low-noise voltage gain. Use a
center-tapped transformer or high-resistance voltage
divider to provide a DC path to GND on either the input
signal or output signal. This ensures a DC path to GND
and symmetrical operation of the internal switches.
Phase-Reversal Analog Switches
8
_______________________________________________________________________________________
50%
0V
VIN
VOUT
0V
VB
VA
V-
X
B
A
-10V
+10V
V-
300
Ω
GND
V- IS CONNECTED TO GND (0V) FOR SINGLE-SUPPLY OPERATION.
IN
V+
VIN
50
Ω
90%
90%
tTRANS
tTRANS
35pF
V+
V+
VOUT
MAX4526
MAX4527
______________________________________________Test Circuits/Timing Diagrams
Figure 3. Address Transition Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com