Electronic Components Datasheet Search
  English  ▼

X  

83058 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 83058
Description  Maximum output frequency
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

83058 Datasheet(HTML) 2 Page - Integrated Device Technology

  83058 Datasheet HTML 1Page - Integrated Device Technology 83058 Datasheet HTML 2Page - Integrated Device Technology 83058 Datasheet HTML 3Page - Integrated Device Technology 83058 Datasheet HTML 4Page - Integrated Device Technology 83058 Datasheet HTML 5Page - Integrated Device Technology 83058 Datasheet HTML 6Page - Integrated Device Technology 83058 Datasheet HTML 7Page - Integrated Device Technology 83058 Datasheet HTML 8Page - Integrated Device Technology 83058 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
8:1, SINGLE-ENDED MULTIPLEXER
83058 DATA SHEET
2
REVISION D 11/21/14
TABLE 1. PIN DESCRIPTIONS
TABLE 2. PIN CHARACTERISTICS
TABLE 3. CONTROL INPUT FUNCTION TABLE
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
C
IN
Input Capacitance
4
pF
R
PULLUP
Input Pullup Resistor
51
k
Ω
R
PULLDOWN
Input Pulldown Resistor
51
k
Ω
C
PD
Power Dissipation Capacitance
(per output)
V
DDO
= 3.465V
18
pF
V
DDO
= 2.625V
20
pF
V
DDO
= 1.89V
30
pF
R
OUT
Output Impedance
V
DDO
= 3.465V
7
Ω
V
DDO
= 2.625V
7
Ω
V
DDO
= 1.89V
10
Ω
Number
Name
Type
Description
1
Q
Output
Single-ended clock output. LVCMOS/LVTTL interface levels.
2, 4, 6, 8,
9, 11,
13, 15
CLK7, CLK6, CLK5,
CLK4, CLK3, CLK2,
CLK1, CLK0
Input
Pulldown
Single-ended clock inputs. LVCMOS/LVTTL interface levels.
3
OE
Input
Pullup
Output enable. When LOW, outputs are in HIGH impedance state.
When HIGH, outputs are active. LVCMOS / LVTTL interface levels.
5
GND
Power
Power supply ground.
7, 10, 14
SEL2, SEL1, SEL0
Input
Pulldown
Clock select input. See Control Input Function Table.
LVCMOS / LVTTL interface levels.
12
V
DD
Power
Core and input supply pin.
16
V
DDO
Power
Output supply pin.
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Control Inputs
Input Selected to Q
SEL2
SEL1
SEL0
0
0
0
CLK0
0
0
1
CLK1
0
1
0
CLK2
0
1
1
CLK3
1
0
0
CLK4
1
0
1
CLK5
1
1
0
CLK6
1
1
1
CLK7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com