Electronic Components Datasheet Search
  English  ▼

X  

MAX4528C/D Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4528C/D
Description  Low-Voltage, Phase-Reversal Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4528C/D Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4528C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4528C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4528C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4528C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4528C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4528C/D Datasheet HTML 9Page - Maxim Integrated Products MAX4528C/D Datasheet HTML 10Page - Maxim Integrated Products MAX4528C/D Datasheet HTML 11Page - Maxim Integrated Products MAX4528C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Low-Voltage, Phase-Reversal
Analog Switch
10
______________________________________________________________________________________
tF < 5ns
tR < 5ns
V-
X OR Y
B
A
+3V
V-
300
Ω
50
Ω
GND
V- IS CONNECTED TO GND (0V) FOR SINGLE-SUPPLY OPERATION.
IN
VIN
tBBM
35pF
V+
V+
VOUT
MAX4528
0V
0V
90%
50%
VIN
VOUT
V+
Figure 4. Break-Before-Make Interval
V-
X OR Y
A OR B
B OR A
N.C.
VA OR VB
∆VOUT
VOUT
VIN
V+
0V
V-
GND
∆VOUT IS THE MEASURED VOLTAGE DUE TO CHARGE TRANSFER
ERROR Q WHEN THE CHANNEL TURNS OFF.
V- IS CONNECTED TO GND (0V) FOR SINGLE-SUPPLY OPERATION.
IN
VIN
CL
1000pF
50
Ω
V+
V+
VOUT
MAX4528
Q =
∆VOUT x CL
Figure 5. Charge Injection
_________________________________Test Circuits/Timing Diagrams (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com