Electronic Components Datasheet Search
  English  ▼

X  

ICS570 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS570
Description  8-pin SOIC package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS570 Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS570 Datasheet HTML 1Page - Integrated Device Technology ICS570 Datasheet HTML 2Page - Integrated Device Technology ICS570 Datasheet HTML 3Page - Integrated Device Technology ICS570 Datasheet HTML 4Page - Integrated Device Technology ICS570 Datasheet HTML 5Page - Integrated Device Technology ICS570 Datasheet HTML 6Page - Integrated Device Technology ICS570 Datasheet HTML 7Page - Integrated Device Technology ICS570 Datasheet HTML 8Page - Integrated Device Technology ICS570 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ICS570
MULTIPLIER AND ZERO DELAY BUFFER
ZDB AND MULTIPLIER
IDT™ / ICS™ MULTIPLIER AND ZERO DELAY BUFFER
3
ICS570
REV K 073007
Pin Descriptions
External Components
The ICS570 requires a 0.01µF decoupling capacitor to be connected between VDD and GND. It must be connected
close to the part to minimize lead inductance. No external power supply filtering is required for this device. A 33
Ω
series terminating resistor can be used next to each output pin.
Recommended Circuit
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
S1
Input
Select 1 for output clock. Connect to GND, VDD, or float per decoding
2
VDD
Power
Connect to +3.3 V (ICS570B). Connect to +5.0 V (ICS570A).
3
GND
Power
Connect to ground.
4
ICLK
Input
Reference clock input.
5
FBIN
Input
Feedback clock input.
6
S0
Input
Select 0 for output clock. Connect to GND, VDD, or float per decoding
7
CLK
Output
Clock output per table above.
8
CLK/2
Output
Clock output per table above. Low skew divide by two of pin 7 clock.
CLK
CLK/2
FBIN
S1
VDD
GND
Input
S0
ICLK
x2 Mode (S1, S0 = 1, 1)
CLK Feedback
CLK
CLK/2
ICLK
x2 Mode (S1, S0 = 1, 0)
CLK/2 Feedback
CLK
CLK/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com