Electronic Components Datasheet Search
  English  ▼

X  

MAX4528ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4528ESA
Description  Low-Voltage, Phase-Reversal Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4528ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4528ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4528ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4528ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4528ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4528ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4528ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4528ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4528ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4528ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Low-Voltage, Phase-Reversal
Analog Switch
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS: ±5V Dual Supplies
(V+ = 5V, V- = -5V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(Voltages Referenced to GND)
V+ .............................................................................-0.3V to 13V
V-...............................................................................-13V to 0.3V
V+ to V- .....................................................................-0.3V to 13V
All Other Pins (Note 1) ..........................(V- - 0.3V) to (V+ + 0.3V)
Continuous Current into Any Terminal..............................±20mA
Peak Current into Any Terminal
(pulsed at 1ms, 10% duty cycle)...................................±50mA
ESD per Method 3015.7 ..................................................>2000V
Continuous Power Dissipation (TA = +70°C) (Note 2)
Plastic DIP (derate 9.09mW/°C above +70°C) ............727mW
SO (derate 5.88mW/°C above +70°C) .........................471mW
µMAX (derate 4.10mW/°C above +70°C) ....................330mW
Operating Temperature Ranges
MAX4528C_ _ .....................................................0°C to +70°C
MAX4528E_ _ ..................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
VA = VB = ±3V, IA = IB = 1mA
(Note 4)
CL = 1.0nF, VA or VB = 0V, Figure 5
VA = VB = ±3V, V+ = 5V, V- = -5V,
RL = 300Ω, Figure 4
VA = VB = ±3V, V+ = 5V, V- = -5V,
RL = 300Ω, Figure 3
RL = 50Ω, CL = 15pF, f = 1MHz,
VA = VB = 1VRMS, Figure 7
VIN_ = 0.8V or 2.4V
VA = VB = GND, f = 1MHz, Figure 6
CONDITIONS
dB
-68
VISO
A-X, A-Y, B-X, B-Y Isolation
(Note 8)
pF
13
CON
A-X, A-Y, B-X, B-Y Capacitance
Ω
70
110
RON
A-X, A-Y, B-X, B-Y
On-Resistance
V
V-
V+
VA, VB,
VX, VY
Analog-Signal Range
pC
1
5
Q
Charge Injection (Note 4)
ns
1
20
tBBM
Break-Before-Make Time Delay
ns
70
100
tTRANS
Transition Time
V
1.6
2.4
VINH
IN Input Logic Threshold High
V
0.8
1.6
VINL
IN Input Logic Threshold Low
µA
-1
0.03
1
IINH,
IINL
IN Input Current Logic High
or Low
UNITS
MIN
TYP
MAX
(Note 3)
SYMBOL
PARAMETER
Note 1: Signals on IN, A, B, X, or Y exceeding V+ or V- are clamped by internal diodes. Limit forward-diode current to maximum
current rating.
Note 2: All leads are soldered or welded to PC boards.
VA = VB = ±3V, IA = IB = 1mA
Ω
3
7
∆RON
A-X, A-Y, B-X, B-Y
On-Resistance Match (Note 5)
VA = VB = 3V, 0V, -3V;
IA = IB = 1mA
Ω
9
15
RFLAT(ON)
A-X, A-Y, B-X, B-Y
On-Resistance Flatness (Note 6)
V+ = 5.5V; V- = -5.5V; VIN = 0V, 3V;
VA = ±4.5V; VB = –
+4.5V
nA
-0.5
0.01
0.5
IA, IB,
IX, IY
A-B, X-Y Leakage Current
(Note 7)
+25°C
+25°C
C, E
+25°C
+25°C
+25°C
+25°C
C, E
C, E
+25°C
C, E
+25°C
TA
+25°C
C, E
130
C, E
C, E
C, E
9
17
-20
20
C, E
C, E
125
ANALOG SWITCH
LOGIC INPUT
SWITCH DYNAMIC CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com