Electronic Components Datasheet Search
  English  ▼

X  

MAX4529EPA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4529EPA
Description  Low-Voltage, Bidirectional RF/Video Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4529EPA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4529EPA Datasheet HTML 1Page - Maxim Integrated Products MAX4529EPA Datasheet HTML 2Page - Maxim Integrated Products MAX4529EPA Datasheet HTML 3Page - Maxim Integrated Products MAX4529EPA Datasheet HTML 4Page - Maxim Integrated Products MAX4529EPA Datasheet HTML 5Page - Maxim Integrated Products MAX4529EPA Datasheet HTML 6Page - Maxim Integrated Products MAX4529EPA Datasheet HTML 7Page - Maxim Integrated Products MAX4529EPA Datasheet HTML 8Page - Maxim Integrated Products MAX4529EPA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Low-Voltage, Bidirectional
RF/Video Switch
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Dual Supplies
(V+ = +4.5V to +5.5V, V- = -4.5V to -5.5V, VINL = 0.8V, VINH = 2.4V, VGND = 0V, TA = TMIN to TMAX, unless otherwise noted. Typical
values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(Voltages referenced to GND)
V+ ...........................................................................-0.3V, +13.0V
V- ............................................................................-13.0V, +0.3V
V+ to V-...................................................................-0.3V, +13.0V
All Other Pins (Note 1) ..........................(V- - 0.3V) to (V+ + 0.3V)
Continuous Current into Any Terminal..............................±10mA
Peak Current into Any Terminal
(pulsed at 1ms, 10% duty cycle)..................................±50mA
ESD per Method 3015.7 ..................................................>2000V
Continuous Power Dissipation (TA = +70°C)
8-Pin Plastic DIP (derate 9.09mW/°C above +70°C) ...727mW
8-Pin SO (derate 5.88mW/°C above +70°C)............... 471mW
8-Pin µMAX (derate 4.1mW/°C above +70°C) ............. 330mW
6-Pin SOT23-6 (derate 7.1mW/°C above +70°C) ........571mW
Operating Temperature Ranges
MAX4529C_ E .....................................................0°C to +70°C
MAX4529E_ E ..................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
Note 1: Voltages on all other pins exceeding V+ or V- are clamped by internal diodes. Limit forward diode current to maximum
current rating.
V+ = 5V, V- = -5V,
VCOM = ±3V, ICOM = 1mA
(Note 3)
V+ = 5.5V, V- = -5.5V,
VCOM = ±4.5V
V+ = 5V; V- = -5V; VCOM = 3V,
0V, -3V; ICOM = 1mA
V+ = 5.5V, V- = -5.5V,
VCOM = ±4.5V, VNC = 4.5V
V+ = 5.5V, V- = -5.5V,
VCOM = ±4.5V, VNC = 4.5V
VIN = 0.8V or 2.4V
CONDITIONS
µA
-1
0.03
1
IINH, IINL
IN Input Current Logic High or
Low
Ω
45
70
RON
Signal-Path On-Resistance
V
V-
V+
VCOM, VNC
Analog Signal Range
V
0.8
1.5
VINL
IN Input Logic Threshold Low
V
1.5
2.4
VINH
IN Input Logic Threshold High
nA
-2
0.02
2
ICOM(ON)
COM On Leakage Current
(Notes 5, 6)
Ω
5
10
RFLAT(ON)
Signal-Path On-Resistance
Flatness (Note 4)
nA
-1
0.02
1
INC(OFF)
NC Off Leakage Current
(Notes 5, 6)
nA
-1
0.02
1
ICOM(OFF)
COM Off Leakage Current
(Notes 5, 6)
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
+25°C
C, E
C, E
C, E
+25°C
+25°C
+25°C
+25°C
C, E
TA
C, E
C, E
C, E
-20
20
-20
20
-40
40
C, E
100
ANALOG SWITCH
LOGIC INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com